Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK86-SMC-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SK86-SMC-R
Description  8A, 60V SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK86-SMC-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SK86-SMC-R Datasheet HTML 1Page - Unisonic Technologies SK86-SMC-R Datasheet HTML 2Page - Unisonic Technologies SK86-SMC-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SK86
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-093.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS Voltage
VRMS
42
V
Recurrent Peak Reverse Voltage
VR
60
V
DC Blocking Voltage
VB
60
V
Storage Temperature
TSTG
-55~+125
°C
Operating Temperature
TOPR
-55~+125
°C
Junction Temperature
TJ
150
°C
Thermal Resistance Junction To Lead
θJL
18
°C/W
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Average Forward Current
IF(AV)
TL=95°C
8.0
A
Peak Forward Surge Current
IFSM
8.3ms, Half Sine
200
A
Instantaneous Forward Voltage
VF
IFM=8.0A, TJ=25°C (Note 1)
0.65
V
DC Reverse Current At
IR
TJ=25°C
1
mA
Rated DC Blocking Voltage
TJ=100°C
20
mA
Junction Capacitance
CJ
Measured at 1.0MHz, VR=4.0V
400
pF
Note: 1. High temperature solder exemptions applied.


Similar Part No. - SK86-SMC-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK86 MCC-SK86 Datasheet
81Kb / 3P
   8 Amp Schottky Rectifier 20 to 100 Volts
logo
DONGGUAN YOU FENG WEI E...
SK86 YFWDIODE-SK86 Datasheet
89Kb / 2P
   Schottky rectifier
logo
Diotec Semiconductor
SK86 DIOTEC-SK86 Datasheet
54Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
GOOD-ARK Electronics
SK86 GOOD-ARK-SK86 Datasheet
1Mb / 6P
   Surface Mount Schottky Rectifier
logo
Diotec Semiconductor
SK86 DIOTEC-SK86 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
More results

Similar Description - SK86-SMC-R

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P8L60SP PFC-P8L60SP Datasheet
724Kb / 5P
   8A 60V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD8U60SL LUGUANG-SD8U60SL Datasheet
2Mb / 4P
   8A/60V Low VF Schottky Rectifier
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
   60V, 8A Rectifier
logo
Taiwan Semiconductor Co...
TSUP8M60SH TSC-TSUP8M60SH Datasheet
432Kb / 5P
   8A, 60V Trench Schottky Rectifiers
logo
Digitron Semiconductors
MUR870E DIGITRON-MUR870E Datasheet
198Kb / 3P
   8A SCHOTTKY RECTIFIER
logo
TAITRON Components Inco...
TSR835 TAITRON-TSR835 Datasheet
135Kb / 5P
   8A Schottky Rectifier
logo
Digitron Semiconductors
MUR805 DIGITRON-MUR805 Datasheet
301Kb / 6P
   8A SCHOTTKY RECTIFIER
logo
Mospec Semiconductor
S08A30 MOSPEC-S08A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
logo
Sanyo Semicon Device
SBT80-06LS SANYO-SBT80-06LS Datasheet
42Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com