Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLCW391M160V30X25SF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRLCW391M160V30X25SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLCW391M160V30X25SF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NRLCW391M160V30X25SF Datasheet HTML 1Page - NIC-Components Corp. NRLCW391M160V30X25SF Datasheet HTML 2Page - NIC-Components Corp. NRLCW391M160V30X25SF Datasheet HTML 3Page - NIC-Components Corp. NRLCW391M160V30X25SF Datasheet HTML 4Page - NIC-Components Corp. NRLCW391M160V30X25SF Datasheet HTML 5Page - NIC-Components Corp. NRLCW391M160V30X25SF Datasheet HTML 6Page - NIC-Components Corp. NRLCW391M160V30X25SF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLCW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Case Size
(mm)
ESR
(
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
Load Life
@ +105°C
(Hours)
120Hz
120Hz
50KHz
NRLCW331M385V30X45SF
330
385
30X45
0.75
1.32
1.58
3000
NRLCW331M385V35X35SF
330
35X35
0.75
1.32
1.58
3000
NRLCW391M385V30X51SF
390
30X51
0.64
1.47
1.76
3000
NRLCW391M385V35X41SF
390
35X41
0.64
1.47
1.76
3000
NRLCW471M385V35X45SF
470
35X45
0.53
1.80
2.16
3000
NRLCW561M385V35X51SF
560
35X51
0.44
2.00
2.40
3000
NRLCW820M400V22X25SF
82
400
22X25
3.03
0.61
0.87
3000
NRLCW101M400V22X31SF
100
22X31
2.49
0.66
0.94
3000
NRLCW101M400V25.4X25SF
100
25.4X25
2.49
0.67
0.96
3000
NRLCW121M400V22X35SF
120
22X35
2.07
0.71
1.02
3000
NRLCW121M400V25.4X25SF
120
25.4X25
2.07
0.71
1.02
3000
NRLCW121M400V30X25SF
120
30X25
2.07
0.73
1.04
3000
NRLCW151M400V22X41SF
150
22X41
1.66
0.83
1.19
3000
NRLCW151M400V25.4X31SF
150
25.4X31
1.66
0.84
1.20
3000
NRLCW151M400V30X25SF
150
30X25
1.66
0.84
1.20
3000
NRLCW151M400V35X25SF
150
35X25
1.66
0.84
1.20
3000
NRLCW181M400V22X45SF
180
22X45
1.38
0.93
1.33
3000
NRLCW181M400V25.4X35SF
180
25.4X35
1.38
0.93
1.33
3000
NRLCW181M400V30X30SF
180
30X30
1.38
0.93
1.33
3000
NRLCW181M400V35X25SF
180
35X25
1.38
0.93
1.33
3000
NRLCW221M400V22X51SF
220
22X51
1.13
1.05
1.50
3000
NRLCW221M400V25.4X41SF
220
25.4X41
1.13
1.05
1.50
3000
NRLCW221M400V30X31SF
220
30X31
1.13
1.05
1.50
3000
NRLCW221M400V35X25SF
220
35X25
1.13
1.05
1.50
3000
NRLCW271M400V25.4X45SF
270
25.4X45
0.92
1.16
1.66
3000
NRLCW271M400V30X35SF
270
30X35
0.92
1.16
1.66
3000
NRLCW271M400V35X31SF
270
35X31
0.92
1.16
1.66
3000
NRLCW331M400V25.4X51SF
330
25.4X51
0.75
1.37
1.96
3000
NRLCW331M400V30X41SF
330
30X41
0.75
1.37
1.96
3000
NRLCW331M400V35X31SF
330
35X31
0.75
1.37
1.96
3000
NRLCW391M400V25.4X61SF
390
25.4X61
0.64
1.44
2.06
3000
NRLCW391M400V30X45SF
390
30X45
0.64
1.44
2.06
3000
NRLCW391M400V35X35SF
390
35X35
0.64
1.44
2.06
3000
NRLCW471M400V30X51SF
470
30X51
0.53
1.81
2.59
3000
NRLCW471M400V35X41SF
470
35X41
0.53
1.81
2.59
3000
NRLCW561M400V30X61SF
560
30X61
0.44
2.00
2.86
3000
NRLCW561M400V35X45SF
560
35X45
0.44
2.00
2.86
3000
NRLCW681M400V35X51SF
680
35X51
0.37
2.15
3.07
3000
NRLCW820M420V22X25SF
82
420
(Continue
next page)
22X25
4.05
0.61
0.87
3000
NRLCW820M420V25.4X25SF
82
25.4X25
4.05
0.62
0.89
3000
NRLCW101M420V22X31SF
100
22X31
3.32
0.66
0.94
3000
NRLCW101M420V25.4X25SF
100
25.4X25
3.32
0.66
0.94
3000
NRLCW121M420V22X35SF
120
22X35
2.76
0.71
1.02
3000
NRLCW121M420V25.4X31SF
120
25.4X31
2.76
0.71
1.02
3000
NRLCW121M420V30X25SF
120
30X25
2.76
0.71
1.02
3000
NRLCW151M420V22X41SF
150
22X41
2.21
0.84
1.20
3000
NRLCW151M420V25.4X35SF
150
25.4X35
2.21
0.84
1.20
3000
NRLCW151M420V30X25SF
150
30X25
2.21
0.84
1.20
3000
NRLCW181M420V22X45SF
180
22X45
1.84
0.91
1.30
3000


Similar Part No. - NRLCW391M160V30X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLCW391M160V30X25SF NIC-NRLCW391M160V30X25SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLCW391M160V30X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com