Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-WY331M25V10X125F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRE-WY331M25V10X125F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-WY331M25V10X125F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRE-WY331M25V10X125F Datasheet HTML 1Page - NIC-Components Corp. NRE-WY331M25V10X125F Datasheet HTML 2Page - NIC-Components Corp. NRE-WY331M25V10X125F Datasheet HTML 3Page - NIC-Components Corp. NRE-WY331M25V10X125F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-WY Series
Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+130°C/100KHz
Max. ESR (Ω)
+20°C/120Hz
Load Life Hours
@+130°C
NRE-WY4R7M200V6.3X11F
4.7
200
0.15
100
52.94
1,000
NRE-WY4R7M200V8X11.5F
0.15
120
52.94
2,000
NRE-WY5R6M200V8X11.5F
5.6
0.15
130
44.43
2,000
NRE-WY5R6M200V8X16F
0.15
180
44.43
2,000
NRE-WY6R8M200V8X11.5F
6.8
0.15
130
36.59
2,000
NRE-WY6R8M200V8X16F
0.15
180
36.59
2,000
NRE-WY100M200V8X16F
10
0.15
200
24.88
2,000
NRE-WY100M200V8X20F
0.15
240
24.88
2,000
NRE-WY150M200V8X16F
15
0.15
200
16.59
2,000
NRE-WY150M200V8X20F
0.15
240
16.59
2,000
NRE-WY220M200V8X20F
22
0.15
240
11.31
2,000
NRE-WY220M200V10X16F
0.15
240
11.31
2,000
NRE-WY330M200V10X20F
33
0.15
320
7.54
2,000
NRE-WY1R0M400V6.3X11F
1.0
400
0.20
60
331.74
1,000
NRE-WY1R0M400V8X11.5F
0.20
65
331.74
2,000
NRE-WY1R5M400V8X11.5F
1.5
0.20
75
221.16
2,000
NRE-WY1R5M400V8X16F
0.20
80
221.16
2,000
NRE-WY1R8M400V8X11.5F
1.8
0.20
75
184.30
2,000
NRE-WY1R8M400V8X16F
0.20
85
184.30
2,000
NRE-WY2R2M400V8X11.5F
2.2
0.20
75
150.79
2,000
NRE-WY2R2M400V8X16F
0.20
90
150.79
2,000
NRE-WY2R2M400V8X20F
0.20
110
150.79
2,000
NRE-WY2R7M400V8X16F
2.7
0.20
95
122.87
2,000
NRE-WY2R7M400V8X20F
0.20
115
122.87
2,000
NRE-WY3R3M400V8X16F
3.3
0.20
100
100.53
2,000
NRE-WY3R3M400V8X20F
0.20
120
100.53
2,000
NRE-WY4R7M400V8X20F
4.7
0.20
120
70.58
2,000
NRE-WY4R7M400V10X16F
0.20
125
70.58
2,000
NRE-WY5R6M400V10X16F
5.6
0.20
130
59.24
2,000
NRE-WY5R6M400V10X20F
0.20
145
59.24
2,000
NRE-WY6R8M400V10X20F
6.8
0.20
150
48.79
2,000
RIPPLE CURRENT CORRECTION FACTOR (200V ~ 400V)
Frequency (Hz)
120Hz
1KHz
10K
100K
1.0µF ~ 5.6µF
0.20
0.40
0.80
1.0
6.8µF ~ 15µF
0.30
0.60
0.90
1.0
22µF
0.50
0.80
0.90
1.0


Similar Part No. - NRE-WY331M25V10X125F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-WY331M25V10X12.5F NIC-NRE-WY331M25V10X12.5F Datasheet
253Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-WY331M25V10X125F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com