Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRGB2R2M100V5x11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRGB2R2M100V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRGB2R2M100V5x11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRGB2R2M100V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRGB2R2M100V5x11F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
Rated Voltage Range
10 ~ 100VDC
Capacitance Range
1.0 ~ 330
μF
Operating Temperature Range
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
@ 20°C
After 2 min.
0.01CV or 3
μA whichever is greater
Max. Tan
δ
W.V. (Vdc)
10
16
25
35
50
63
100
S.V. (Vdc)
13
20
32
44
63
79
125
@120Hz/20°C
0.45
0.35
0.30
0.22
0.19
0.17
0.15
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
8
6
4
4
3
3
3
Load Life Test at Rated Volt-
age
@ 105°C
Duration
10,000 hours
Δ Capacitance
Within ±25% of initial measured value
Δ Tan δ
Less than 300% of specified value
Δ LC
Less than specified value
NRGB Series
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• IMPROVED ENDURANCE AT HIGH TEMPERATURE
(up to 10,000HRS @ 105°C)
• IDEAL FOR LOW VOLTAGE LIGHTING BALLAST
CHARACTERISTICS
Cap. (
μF) Code
Working Voltage (Vdc)
10
16
25
35
50
63
100
1.0
1R0
-
-
-
-
5x11
-
5x11
2.2
2R2
-
-
-
-
5x11
-
5x11
3.3
3R3
-
-
-
-
5x11
-
5x11
4.7
4R7
-
-
-
-
5x11
-
5x11
10
100
-
-
-
-
5x11
5x11 6.3x11
22
220
-
-
-
-
5x11 6.3x11 8x11.5
33
330
-
-
5x11
5x11 6.3x11 6.3x11
-
47
470
-
5x11
5x11 6.3x11 6.3x11 8x11.5
-
100
101
5x11 6.3x11 6.3x11 8x11.5 8x11.5
-
-
220
221 6.3x11 8x11.5
-
----
330
331 8x11.5
-
-
----
Case Dia. (D
φ)
5
6.3
8
Lead Dia. (d
φ)
0.5
0.5
0.6
Lead Spacing (F)
2.0
2.5
3.5
Dim.
α
0.5
Dim.
β
1.5
LEAD SPACING AND DIAMETER (mm)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
*See Part Number System for Details
P
N
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
NRGB 331 M 10V 8X11.5 TB F .
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
*see taping specifications for details
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRGB2R2M100V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRGB2R2M100V5X11F NIC-NRGB2R2M100V5X11F Datasheet
172Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRGB2R2M100V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com