Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLPW822M50V30X35SF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRLPW822M50V30X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW822M50V30X35SF Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NRLPW822M50V30X35SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 9Page - NIC-Components Corp. NRLPW822M50V30X35SF Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW222M200V35X45SF
220VDC
2200
35X45
0.2
1989
0.151
0.117
3.48
5.22
NRLPW221M220V20X25SF
220
20X25
0.2
660
1.508
1.16
0.98
1.47
NRLPW271M220V20X30SF
270
20X30
0.2
731
1.229
0.946
1.08
1.62
NRLPW271M220V22X25SF
270
22X25
0.2
731
1.229
0.946
1.08
1.62
NRLPW331M220V20X30SF
330
20X30
0.2
808
1.005
0.774
1.26
1.89
NRLPW331M220V22X25SF
330
22X25
0.2
808
1.005
0.774
1.26
1.89
NRLPW391M220V20X35SF
390
20X35
0.2
878
0.851
0.655
1.34
2.01
NRLPW391M220V22X30SF
390
22X30
0.2
878
0.851
0.655
1.34
2.01
NRLPW391M220V25X25SF
390
25X25
0.2
878
0.851
0.655
1.34
2.01
NRLPW471M220V20X40SF
470
20X40
0.2
964
0.706
0.544
1.48
2.22
NRLPW471M220V22X35SF
470
22X35
0.2
964
0.706
0.544
1.48
2.22
NRLPW471M220V25X25SF
470
25X25
0.2
964
0.706
0.544
1.48
2.22
NRLPW561M220V20X45SF
560
20X45
0.2
1052
0.593
0.457
1.61
2.41
NRLPW561M220V22X40SF
560
22X40
0.2
1052
0.593
0.457
1.61
2.41
NRLPW561M220V25X30SF
560
25X30
0.2
1052
0.593
0.457
1.61
2.41
NRLPW561M220V30X25SF
560
30X25
0.2
1052
0.593
0.457
1.61
2.41
NRLPW681M220V22X45SF
680
22X45
0.2
1160
0.488
0.376
1.78
2.67
NRLPW681M220V25X35SF
680
25X35
0.2
1160
0.488
0.376
1.78
2.67
NRLPW681M220V30X25SF
680
30X25
0.2
1160
0.488
0.376
1.78
2.67
NRLPW821M220V22X50SF
820
22X50
0.2
1274
0.405
0.312
1.93
2.89
NRLPW821M220V25X40SF
820
25X40
0.2
1274
0.405
0.312
1.93
2.89
NRLPW821M220V30X30SF
820
30X30
0.2
1274
0.405
0.312
1.93
2.89
NRLPW821M220V35X25SF
820
35X25
0.2
1274
0.405
0.312
1.93
2.89
NRLPW102M220V25X50SF
1000
25X50
0.2
1407
0.332
0.256
2.33
3.49
NRLPW102M220V30X35SF
1000
30X35
0.2
1407
0.332
0.256
2.33
3.49
NRLPW102M220V35X30SF
1000
35X30
0.2
1407
0.332
0.256
2.33
3.49
NRLPW122M220V30X40SF
1200
30X40
0.2
1541
0.277
0.214
2.5
3.75
NRLPW122M220V35X35SF
1200
35X35
0.2
1541
0.277
0.214
2.5
3.75
NRLPW152M220V30X50SF
1500
30X50
0.2
1723
0.222
0.171
2.76
4.14
NRLPW152M220V35X40SF
1500
35X40
0.2
1723
0.222
0.171
2.76
4.14
NRLPW182M220V35X45SF
1800
35X45
0.2
1887
0.185
0.143
3.11
4.66
NRLPW221M250V20X25SF
250VDC
220
20X25
0.2
703
1.508
1.16
1
1.5
NRLPW271M250V20X30SF
270
20X30
0.2
779
1.229
0.946
1.1
1.65
NRLPW271M250V22X25SF
270
22X25
0.2
779
1.229
0.946
1.1
1.65
NRLPW331M250V20X35SF
330
20X35
0.2
861
1.005
0.774
1.2
1.8
NRLPW331M250V22X30SF
330
22X30
0.2
861
1.005
0.774
1.2
1.8
NRLPW331M250V25X25SF
330
25X25
0.2
861
1.005
0.774
1.2
1.8
NRLPW391M250V20X40SF
390
20X40
0.2
936
0.851
0.655
1.3
1.95
NRLPW391M250V22X35SF
390
22X35
0.2
936
0.851
0.655
1.3
1.95
NRLPW391M250V25X25SF
390
25X25
0.2
936
0.851
0.655
1.3
1.95
NRLPW471M250V20X45SF
470
20X45
0.2
1028
0.706
0.544
1.4
2.1
NRLPW471M250V22X40SF
470
22X40
0.2
1028
0.706
0.544
1.4
2.1
NRLPW471M250V25X30SF
470
25X30
0.2
1028
0.706
0.544
1.4
2.1
NRLPW471M250V30X25SF
470
30X25
0.2
1028
0.706
0.544
1.4
2.1
NRLPW561M250V22X45SF
560
22X45
0.2
1122
0.593
0.457
1.5
2.25
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW822M50V30X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW822M50V30X35SF NIC-NRLPW822M50V30X35SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW822M50V30X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com