Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLMW822M25V30X25F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLMW822M25V30X25F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLMW822M25V30X25F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLMW822M25V30X25F Datasheet HTML 1Page - NIC-Components Corp. NRLMW822M25V30X25F Datasheet HTML 2Page - NIC-Components Corp. NRLMW822M25V30X25F Datasheet HTML 3Page - NIC-Components Corp. NRLMW822M25V30X25F Datasheet HTML 4Page - NIC-Components Corp. NRLMW822M25V30X25F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLMW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLMW682M10V20X25F 6,800
10
20x25
0.110
0.093
1.30
1.50
NRLMW822M10V20X30F 8,200
20x30
0.091
0.077
1.60
1.84
NRLMW103M10V22X25F 10,000
22x25
0.075
0.063
1.80
2.07
NRLMW153M10V25X25F 15,000
25x25
0.053
0.045
2.30
2.65
NRLMW223M10V25X35F
22,000
25x35
0.038
0.032
2.60
2.99
NRLMW223M10V30X25F
30x25
NRLMW333M10V25X45F
33,000
25x45
0.027
0.023
3.40
3.91
NRLMW333M10V30X35F
30x35
NRLMW333M10V35X30F
35x30
NRLMW473M10V30X45F
47,000
30x45
0.023
0.020
4.20
4.83
NRLMW473M10V35X35F
35x35
NRLMW683M10V35X50F 68,000
35x50
0.021
0.020
5.50
6.33
NRLMW682M16V22X25F 6,800
16
22x25
0.085
0.068
2.20
2.53
NRLMW822M16V22X30F 8,200
22x30
0.071
0.057
2.40
2.76
NRLMW103M16V25X25F 10,000
25x25
0.066
0.053
2.60
2.99
NRLMW153M16V25X35F
15,000
25x35
0046
0.037
3.20
3.68
NRLMW153M16V30X30F
30x30
NRLMW223M16V25X45F
22,000
25x45
0.033
0.028
3.80
4.37
NRLMW223M16V30X35F
30x35
NRLMW223M16V35X30F
35x30
NRLMW333M16V30X45F
33,000
30x45
0.023
0.020
4.70
5.41
NRLMW333M16V35X35F
35x35
NRLMW473M16V35X45F 47,000
35x45
0.020
0.018
5.50
6.33
NRLMW683M16V35X50F 56,000
35x50
0.019
0.017
6.00
6.90
NRLMW472M25V22X25F 4,700
25
22x25
0.106
0.079
2.00
2.30
NRLMW682M25V25X25F 6,800
25x25
0.073
0.055
2.40
2.76
NRLMW822M25V25X30F
8,200
25x30
0.061
0.045
2.70
3.11
NRLMW822M25V30X25F
30x25
NRLMW103M25V25X35F
10,000
25x35
0.051
0.039
3.00
3.45
NRLMW103M25V30X30F
30x30
NRLMW153M25V25X45F
15,000
25x45
0.036
0.031
3.60
4.14
NRLMW153M25V30X35F
30x35
NRLMW153M25V35X30F
35x30
NRLMW223M25V30X45F
22,000
30x45
0.025
0.022
4.30
4.95
NRLMW223M25V35X35F
35x35
NRLMW333M25V35X50F 33,000
35x50
0.018
0.016
5.50
6.33
NRLMW332M35V22X25F 3,300
35
22x25
0.121
0.090
1.90
2.19
NRLMW472M35V25X25F 4,700
25x25
0.088
0.066
2.20
2.53
NRLMW682M35V25X35F
6,800
25x35
0.061
0.046
2.60
2.99
NRLMW682M35V30X30F
30x30
NRLMW822M35V25X40F
8,200
25x40
0.051
0.038
2.90
3.34
NRLMW822M35V30X30F
30x30
NRLMW822M35V35X25F
35x25
NRLMW103M35V25X45F
10,000
25x45
0.041
0.031
3.20
3.68
NRLMW103M35V30X35F
30x35
NRLMW103M35V35X30F
35x30
NRLMW153M35V30X45F
15,000
30x45
0.030
0.022
3.90
4.49
NRLMW153M35V35X35F
35x35
NRLMW223M35V35X50F 22,000
35x50
0.023
0.017
5.00
5.75


Similar Part No. - NRLMW822M25V30X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW822M25V30X30XF NIC-NRLMW822M25V30X30XF Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW822M25V30X40F NIC-NRLMW822M25V30X40F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLMW822M25V30X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com