Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLCW471M180V254X35SF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NRLCW471M180V254X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLCW471M180V254X35SF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NRLCW471M180V254X35SF Datasheet HTML 1Page - NIC-Components Corp. NRLCW471M180V254X35SF Datasheet HTML 2Page - NIC-Components Corp. NRLCW471M180V254X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLCW471M180V254X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLCW471M180V254X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLCW471M180V254X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLCW471M180V254X35SF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLCW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Case Size
(mm)
ESR
(
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
Load Life
@ +105°C
(Hours)
120Hz
120Hz
50KHz
NRLCW181M420V25.4X35SF
180
420
25.4X35
1.84
0.91
1.30
3000
NRLCW181M420V30X31SF
180
30X31
1.84
0.91
1.30
3000
NRLCW181M420V35X25SF
180
35X25
1.84
0.91
1.30
3000
NRLCW221M420V22X51SF
220
22X51
1.51
1.05
1.50
3000
NRLCW221M420V25.4X45SF
220
25.4X45
1.51
1.05
1.50
3000
NRLCW221M420V30X35SF
220
30X35
1.51
1.05
1.50
3000
NRLCW221M420V35X25SF
220
35X25
1.51
1.05
1.50
3000
NRLCW271M420V25.4X51SF
270
25.4X51
1.23
1.16
1.66
3000
NRLCW271M420V30X41SF
270
30X41
1.23
1.16
1.66
3000
NRLCW271M420V35X31SF
270
35X31
1.23
1.16
1.66
3000
NRLCW331M420V30X45SF
330
30X45
1.01
1.4
2.00
3000
NRLCW331M420V35X35SF
330
35X35
1.01
1.4
2.00
3000
NRLCW391M420V30X51SF
390
30X51
0.85
1.5
2.15
3000
NRLCW391M420V35X41SF
390
35X41
0.85
1.5
2.15
3000
NRLCW471M420V35X45SF
470
35X45
0.71
1.81
2.59
3000
NRLCW561M420V35X51SF
560
35X51
0.59
2.05
2.93
3000
NRLCW681M420V35X61SF
680
35X61
0.49
2.15
3.07
3000
NRLCW560M450V22X25SF
56
450
22X25
5.92
0.4
0.57
3000
NRLCW680M450V22X31SF
68
22X31
4.88
0.51
0.73
3000
NRLCW680M450V25.4X25SF
68
25.4X25
4.88
0.51
0.73
3000
NRLCW820M450V22X31SF
82
22X31
4.05
0.61
0.87
3000
NRLCW820M450V25.4X25SF
82
25.4X25
4.05
0.61
0.87
3000
NRLCW101M450V22X35SF
100
22X35
3.32
0.66
0.94
3000
NRLCW101M450V25.4X31SF
100
25.4X31
3.32
0.66
0.94
3000
NRLCW101M450V30X25SF
100
30X25
3.32
0.66
0.94
3000
NRLCW121M450V22X41SF
120
22X41
2.76
0.76
1.09
3000
NRLCW121M450V25.4X35SF
120
25.4X35
2.76
0.76
1.09
3000
NRLCW121M450V30X25SF
120
30X25
2.76
0.76
1.09
3000
NRLCW121M450V35X25SF
120
35X25
2.76
0.76
1.09
3000
NRLCW151M450V22X45SF
150
22X45
2.21
0.84
1.20
3000
NRLCW151M450V25.4X35SF
150
25.4X35
2.21
0.84
1.20
3000
NRLCW151M450V30X31SF
150
30X31
2.21
0.84
1.20
3000
NRLCW151M450V35X25SF
150
35X25
2.21
0.84
1.20
3000
NRLCW181M450V22X51SF
180
22X51
1.84
0.96
1.37
3000
NRLCW181M450V25.4X41SF
180
25.4X41
1.84
0.96
1.37
3000
NRLCW181M450V30X31SF
180
30X31
1.84
0.96
1.37
3000
NRLCW181M450V35X31SF
180
35X31
1.84
0.96
1.37
3000
NRLCW221M450V25.4X45SF
220
25.4X45
1.51
1.07
1.53
3000
NRLCW221M450V30X35SF
220
30X35
1.51
1.07
1.53
3000
NRLCW221M450V35X31SF
220
35X31
1.51
1.07
1.53
3000
NRLCW271M450V25.4X61SF
270
25.4X61
1.23
1.12
1.60
3000
NRLCW271M450V30X41SF
270
30X41
1.23
1.12
1.60
3000
NRLCW271M450V35X35SF
270
35X35
1.23
1.12
1.60
3000
NRLCW331M450V30X51SF
330
30X51
1.01
1.38
1.97
3000
NRLCW331M450V35X41SF
330
35X41
1.01
1.38
1.97
3000
NRLCW391M450V30X61SF
390
30X61
0.85
1.44
2.06
3000
NRLCW391M450V35X41SF
390
35X41
0.85
1.44
2.06
3000
NRLCW471M450V35X51SF
470
35X51
0.71
1.76
2.52
3000
NRLCW561M450V35X61SF
560
35X61
0.59
1.82
2.60
3000


Similar Part No. - NRLCW471M180V254X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLCW471M180V25.4X35SF NIC-NRLCW471M180V25.4X35SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLCW471M180V254X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com