Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LX823M025B052V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 382LX823M025B052V
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

382LX823M025B052V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  382LX823M025B052V Datasheet HTML 1Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 2Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 3Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 4Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 5Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 6Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 7Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 8Page - List of Unclassifed Manufacturers 382LX823M025B052V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
-2
0
2
4
6
8
10
12
14
16
18
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380L222M050K012
Capacitance,DF, Leakage Current
Leakage (uADC)
DF (%)
Cap Change (%)
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
-10
0
10
20
30
40
50
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX222M100J042
Capacitance,DF, Leakage Current
Leakage
(uADC)
DF
(%)
Cap Change (%)
-10
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX151M400J02
Capacitance,DF, Leakage Current
Leakage
(uADC)
DF (%)
Cap Change (%)
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX331M450K052
Capacitance,DF, Leakage Current
Leakage (uADC)
DF (%)
Cap Change (%)
Typical Performance Curves


Similar Part No. - 382LX823M025B052V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382LX823M025B052V ETC2-382LX823M025B052V Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
382LX823M025B052V CDE-382LX823M025B052V Datasheet
464Kb / 12P
   High-Capacitance Snap-In
382LX823M025B052V CDE-382LX823M025B052V Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX823M025B052V CDE-382LX823M025B052V Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX823M025B052V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com