Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSK821M63V8X115F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRSK821M63V8X115F
Description  Miniature Aluminum Electrolytic Cap ac i tors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSK821M63V8X115F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRSK821M63V8X115F Datasheet HTML 1Page - NIC-Components Corp. NRSK821M63V8X115F Datasheet HTML 2Page - NIC-Components Corp. NRSK821M63V8X115F Datasheet HTML 3Page - NIC-Components Corp. NRSK821M63V8X115F Datasheet HTML 4Page - NIC-Components Corp. NRSK821M63V8X115F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
198
NIC COMPONENTS CORP.
www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
Taping Speci cations
Taping Dimensions (mm)
Taping Dimensions (mm)
NOTE:
ANODE (+) LEAD FEEDS OFF FIRST.
FOR OPTION OF NEGATIVE (_) LEAD FIRST,
SPECIFY “TBN”.
STANDARD RADIAL TAPING (5mm LEAD SPACING, FORMED LEADS) TB
Case Dia.
(Dφ)
10
12.5
Case Size
All
All
Dim.
dφ ±0.05
0.6
0.6
H ±0.75
19.0
19.0
F +0.8 ~ -0.2
5.0
5.0
P ±1.0
25.4*
P0
12.7 ±0.2
P
1
3.85
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
*Optional Taping Specifications
10mm diameter available with P dim. = 12.7mm
(P/N Suf x: TB12.7MMP)
12.5mm diameter available with P dim. = 15mm, P1= 5.0mm,
P0 = 15.0mm & P2 = 7.5mm (P/N Suf x: TB15MMP)
Case Dia.
(Dφ)
4
5
6.3
8
Case Size
4x5
4x7
5x5
5x7 5x11
6.3x5
6.3x7 6.3x11 8x11.5
Dim.
dφ ±0.05
0.45 0.45 0.5
0.45
0.5
0.6
H ±0.75
17.5 17.5 18.5 17.5
18.5
20.0
F +0.8 ~ -0.2
5.0 -02 ~ +0.8
P
12.7 ±1.0
P0
12.7 ±0.2
P
1
3.85 ±0.5 (at end of tape)
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
STANDARD RADIAL TAPING (5mm LEAD SPACING, STRAIGHT LEADS) TB
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
H
H0
1max
t
Δh
1max
t
Δh
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
1
H


Similar Part No. - NRSK821M63V8X115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSK821M63V8X115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com