Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSZ331M63V8x115F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSZ331M63V8x115F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ331M63V8x115F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSZ331M63V8x115F Datasheet HTML 1Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 2Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 3Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 4Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
LOW IMPEDANCE AT HIGH FREQUENCY RADIAL LEADS, POLARIZED
ALUMINUM ELECTROLYTIC CAPACITORS
Unless otherwise specified here, capacitor shall meet JIS C-5141 Characteristics W.
RIPPLE CURRENT CORRECTION FACTORS
CHARACTERISTICS
*NRSZ102M6.3V8X20 is 4,500 Hours @ 105°C
FEATURES
• VERY LOW IMPEDANCE
• LONG LIFE AT 105OC (2000 ~ 10,000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR USE IN SWITCHING POWER SUPPLIES AND
..CONVERTERS
NRSZ
NRSY
(today’s standard)
(reduced sizes)
LOW IMPEDANCE
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
2.2 ~ 12,000
μF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current @ 20°C
After 1 min.
0.03CV or 4
μA, whichever is greater
After 2 min.
0.01CV or 3
μA, whichever is greater
Max. Tan
δ ~ 120Hz/20°C
W.V. (VDC)
6.3
10
16
25
35
50
63
100
S.V. (VDC)
8
13
20
32
44
63
79
125
C < 1,200
μF
0.22 0.19 0.16 0.14 0.12 0.10 0.08 0.07
C = 1,500
μF
0.23 0.20 0.17 0.15 0.13 0.11
-
-
C = 1,800
μF
0.23 0.20 0.17 0.15 0.13 0.11
-
-
C = 2,200
μF
0.24 0.21 0.18 0.16 0.14
-
-
-
C = 2,700
μF
0.25 0.22 0.19 0.17 0.15
-
-
-
C = 3,300
μF
0.26 0.23 0.20 0.18 0.16
-
-
-
C = 3,900
μF
0.28 0.25 0.22 0.20
-
-
-
-
C = 4,700
μF
0.29 0.26 0.23 0.21
-
-
-
-
C = 5,600
μF
0.31 0.28 0.25
-
-
-
-
-
C = 6,800
μF
0.33 0.30 0.27
-
-
-
-
-
C = 8,200
μF
0.36 0.33
-
-
-
-
-
-
C = 10,000
μF
0.40
-
-
-
-
-
-
-
C = 12,000
μF
0.44
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
2
2
2
2
2
2
2
Z-40°C/Z+20°C
4
4
333333
Load Life Test at Rated W.V. & 105°C
(See Standard Products
and Specifications Tables)
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
105°C for 1,000 hours
No Load
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Frequency (Hz)
Cap. (
μF)
120
1K
10K
100K
Multiplier
2.2 ~ 4.7
0.40
0.68
0.78
1.00
5.6 ~ 47
0.50
0.76
0.87
1.00
56 ~ 270
0.70
0.85
0.90
1.00
330 ~ 1000
0.80
0.93
0.98
1.00
1200 ~ 12000
0.90
0.95
1.0
1.0
*See Part Number System for Details
P
N
bS
fD
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NRSZ331M63V8x115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZ331M6.3V10X12.5TBF NIC-NRSZ331M6.3V10X12.5TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V10X20TBF NIC-NRSZ331M6.3V10X20TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V12.5X20TBF NIC-NRSZ331M6.3V12.5X20TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V16X25TBF NIC-NRSZ331M6.3V16X25TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V5X11TBF NIC-NRSZ331M6.3V5X11TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSZ331M63V8x115F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com