Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSJ471M25V10X16F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSJ471M25V10X16F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSJ471M25V10X16F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSJ471M25V10X16F Datasheet HTML 1Page - NIC-Components Corp. NRSJ471M25V10X16F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRSJ Series
Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (2000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
FEATURES
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 50Vdc
Capacitance Range
100 ~ 2,700
μF
Operating Temperature Range
-25° ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 Minutes at 20°C
0.01CV or 3
μA
whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
C < 1,500
μF
0.22
0.19
0.16
0.14
0.12
0.10
C = 2,200
μF ~ 2,700μF
0.24
0.21
0.18
0.16
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
3
3
3
Load Life Test at Rated W.V.
105°C 2,000 Hrs.
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
STANDARD PRODUCT AND CASE SIZE TABLE D
Φ x L (mm)
Cap
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
220
221
-
-
-
-
10x12.5
330
331
-
-
-
10x12.5
10x16
390
391
-
-
-
-
8x20
470
471
-
-
10x12.5
10x16
10x20
680
681
-
10x12.5
10x16
10x20
-
1000
102
10x12.5
10x16
10x16
10x20
-
10x20
1500
152
10x16
10x20
10x20
-
-
2200
222
10x20
-
-
-
-
DIAMETER AND LEADSPACE (mm)
Size (D
∅ x L)
Tape and Box*
NRSJ 102 M 25V 10x20
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBER SYSTEM
*see tape specification for details
Case Dia. (D
φ)8
10
Lead Dia. (d
φ)
0.6 0.6
Lead Spacing (F)
3.5 5.0
Dim.
α
0.5 0.5
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+


Similar Part No. - NRSJ471M25V10X16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSJ471M25V10X16TBF NIC-NRSJ471M25V10X16TBF Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSJ471M25V10X16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com