Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLUW391M220V25X25SF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLUW391M220V25X25SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLUW391M220V25X25SF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLUW391M220V25X25SF Datasheet HTML 1Page - NIC-Components Corp. NRLUW391M220V25X25SF Datasheet HTML 2Page - NIC-Components Corp. NRLUW391M220V25X25SF Datasheet HTML 3Page - NIC-Components Corp. NRLUW391M220V25X25SF Datasheet HTML 4Page - NIC-Components Corp. NRLUW391M220V25X25SF Datasheet HTML 5Page - NIC-Components Corp. NRLUW391M220V25X25SF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLUW Series
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
Max. Ripple Current
(Arms @ 105°C)
120Hz
10KHz ~ up
NRLUW152M220V30X50SF
220
1500
30X50
0.2
1723
2.75
4.12
NRLUW152M220V35X40SF
1500
35X40
0.2
1723
2.50
3.75
NRLUW182M220V35X45SF
1800
35X45
0.2
1887
3.04
4.56
NRLUW271M250V22X25SF
250
270
22X25
0.2
779
1.18
1.77
NRLUW331M250V22X30SF
330
22X30
0.2
861
1.37
2.05
NRLUW331M250V25X25SF
330
25X25
0.2
861
1.14
1.71
NRLUW391M250V22X35SF
390
22X35
0.2
936
1.56
2.34
NRLUW391M250V25X30SF
390
25X30
0.2
936
1.38
2.07
NRLUW471M250V22X40SF
470
22X40
0.2
1028
1.74
2.61
NRLUW471M250V25X30SF
470
25X30
0.2
1028
1.61
2.41
NRLUW561M250V22X45SF
560
22X45
0.2
1122
1.92
2.88
NRLUW561M250V25X35SF
560
25X35
0.2
1122
1.83
2.74
NRLUW561M250V30X25SF
560
30X25
0.2
1122
1.63
2.44
NRLUW681M250V22X50SF
680
22X50
0.2
1236
2.04
3.06
NRLUW681M250V25X40SF
680
25X40
0.2
1236
2.04
3.06
NRLUW681M250V30X30SF
680
30X30
0.2
1236
1.90
2.85
NRLUW681M250V35X25SF
680
35X25
0.2
1236
1.80
2.70
NRLUW821M250V25X45SF
820
25X45
0.2
1358
2.24
3.36
NRLUW821M250V30X35SF
820
30X35
0.2
1358
2.15
3.22
NRLUW821M250V35X30SF
820
35X30
0.2
1358
1.81
2.71
NRLUW102M250V30X40SF
1000
30X40
0.2
1500
2.39
3.58
NRLUW102M250V35X35SF
1000
35X35
0.2
1500
2.38
3.57
NRLUW122M250V30X45SF
1200
30X45
0.2
1643
2.62
3.93
NRLUW122M250V35X40SF
1200
35X40
0.2
1643
2.39
3.58
NRLUW152M250V35X45SF
1500
35X45
0.2
1837
2.92
4.38
NRLUW182M250V35X50SF
1800
35X50
0.2
2012
3.04
4.56
NRLUW151M315V22X25SF
315
150
22X25
0.2
652
0.82
1.14
NRLUW181M315V22X30SF
180
22X30
0.2
714
0.95
1.33
NRLUW221M315V22X35SF
220
22X35
0.2
789
1.11
1.55
NRLUW221M315V25X25SF
220
25X25
0.2
789
0.98
1.37
NRLUW271M315V22X40SF
270
22X40
0.2
874
1.28
1.79
NRLUW271M315V25X30SF
270
25X30
0.2
874
1.17
1.63
NRLUW331M315V22X45SF
330
22X45
0.2
967
1.45
2.03
NRLUW331M315V25X35SF
330
25X35
0.2
967
1.35
1.89
NRLUW331M315V30X25SF
330
30X25
0.2
967
1.19
1.66
NRLUW391M315V22X50SF
390
22X50
0.2
1051
1.62
2.26
NRLUW391M315V25X40SF
390
25X40
0.2
1051
1.53
2.14
NRLUW391M315V30X30SF
390
30X30
0.2
1051
1.40
1.96
NRLUW391M315V35X25SF
390
35X25
0.2
1051
1.30
1.82
NRLUW471M315V25X45SF
470
25X45
0.2
1154
1.73
2.42
NRLUW471M315V30X35SF
470
30X35
0.2
1154
1.61
2.25
NRLUW471M315V35X30SF
470
35X30
0.2
1154
1.52
2.12
NRLUW561M315V25X50SF
560
25X50
0.2
1260
1.99
2.78
NRLUW561M315V30X40SF
560
30X40
0.2
1260
2.00
2.80
NRLUW561M315V35X30SF
560
35X30
0.2
1260
1.69
2.36


Similar Part No. - NRLUW391M220V25X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLUW391M220V25X25SF NIC-NRLUW391M220V25X25SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
NRLUW391M220V25X25SF NIC-NRLUW391M220V25X25SF Datasheet
322Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLUW391M220V25X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com