Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSK122M10V8X20F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSK122M10V8X20F
Description  Miniature Aluminum Electrolytic Cap ac i tors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSK122M10V8X20F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSK122M10V8X20F Datasheet HTML 1Page - NIC-Components Corp. NRSK122M10V8X20F Datasheet HTML 2Page - NIC-Components Corp. NRSK122M10V8X20F Datasheet HTML 3Page - NIC-Components Corp. NRSK122M10V8X20F Datasheet HTML 4Page - NIC-Components Corp. NRSK122M10V8X20F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
212
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NRSK Series
Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS,
POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (Up to 4000 hrs)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY SUITED FOR USE IN SWITCHING POWER SUPPLIES &
..CONVERT
ERS
FEATURES
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 25
Rated Capacitance Range
470 ~ 3,300
μF
Operating Temp. Range
-40°C ~ +105°C
Capacitance Tolerance
± 20% (M)
Max. Leakage Current
After 2 Minutes @ 20°C
0.03CV
Surge Voltage Ratings
W.V.
6.3
10
16
25
S.V.
8
13
20
32
Maximum Tan
δ
(see specifications table for
values above 1,800
μF)
Tan
δ @ 20°C/120Hz
0.22
0.19
0.16
0.14
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z -25°C/Z +20°C
2222
Z -40°C/Z +20°C
3333
Load Life Test @ Rated W.V. & 105°C
2,000 hours for 8x11.5, 8x16,
10x12.5 and 10x16
3,000 hours for 8x20
4,000 hours for 10x20, 10x23
Capacitance Change
Within ± 25% of initial measured value
Tan
δ
Less than 200% of the specified maximum value
Leakage Current
Less than specified maximum value
Cap
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
220
221
-
-
-
8x11.5
330
331
-
-
-
8x11.5
-
-
-
10x12.5
470
471
-
-
-
8x20
-
-
-
10x12.5
-
-
8x11.5
10x16
680
681
-
8x11.5
8x16
10x16
10x12.5
10x20
820
821
8x11.5
-
-
-
1000
102
8x11.5
8x16
8x20
10x23
10x12.5
10x16
1200
122
8x16
-
-
-
1500
152
8x20
8x20
10x20
-
10x12.5
10x16
1800
182
10x16
10x20
10x23
-
2200
222
10x20
10x23
-
-
3300
332
10x23
-
-
-
STANDARD PRODUCT AND CASE SIZE TABLE D
Φ x L (mm)
DIAMETER AND LEADSPACE (mm)
Case Dia. (D
φ)
810
Lead Dia. (d
φ)
0.6 0.6
Lead Spacing (F)
3.5 5.0
Dim.
α
0.5 0.5
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+
DISCONTINUED PRODUCT SERIES
See NIC EOL Notice of November 2011


Similar Part No. - NRSK122M10V8X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSK122M10V8X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com