Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2Q2--N15Y4-50 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2Q2--N15Y4-50
Description  Inductive Proximity Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2Q2--N15Y4-50 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2Q2--N15Y4-50 Datasheet HTML 1Page - Omron Electronics LLC E2Q2--N15Y4-50 Datasheet HTML 2Page - Omron Electronics LLC E2Q2--N15Y4-50 Datasheet HTML 3Page - Omron Electronics LLC E2Q2--N15Y4-50 Datasheet HTML 4Page - Omron Electronics LLC E2Q2--N15Y4-50 Datasheet HTML 5Page - Omron Electronics LLC E2Q2--N15Y4-50 Datasheet HTML 6Page - Omron Electronics LLC E2Q2--N15Y4-50 Datasheet HTML 7Page - Omron Electronics LLC E2Q2--N15Y4-50 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E2Q2
E2Q2
3
Specifications
J
DC INPUT TYPES
Part number
E2Q2--N15j
E2Q2--N20j
E2Q2--N30j
Operating voltage
10 to 60 VDC; 10 to 30 VDC for weld--field immune types
Current consumption
20 mA max.
10 mA max.
Sensing object
Ferrous metals
Sensing distance
15 mm ±10%, shielded
20 mm ±10%, shielded
30 mm ±10%, unshielded
Setting distance with standard
sensing object (L x W x H mm)
0to12mm; 0to15mm
(45 x 45 x 1 mm, mild steel)
0to16mm, 0to20mm
(60 x 60 x 1 mm, mild steel)
0to24mm, 0to30mm
(90 x 90 x 1 mm, mild steel)
Differential travel
15% max. of sensing distance
Control
output
Type
F1: PNP--NO
E3: NPN (NO+NC)
F3: PNP (NO+NC)
ME3: NPN (NO+NC)
MF3: PNP (NO+NC)
p
Max. load
200 mA
Max. on--state
voltage drop
3 VDC at 200 mA load current
Response frequency
10 Hz (weld field immune)
150 Hz
100 Hz
Circuit protection
Reverse polarity, output short--circuit
Weld field immunity
25,400 amps at 1 inch
(100 mT)
_
_
Indicator
Operating indicator (yellow LED)
Material
Case
PBT
Material
Terminal base
Aluminum
Sensing face
PBT
Connections
--U, --51: 1/2”--NPT conduit opening; --G: PG 13.5 conduit opening
--50, --52: 4--pin MiniChange connector
Enclosure rating
IP67 (EN 60947--1)
Approvals
UL listed, CSA certified
Operating ambient temperature
--25_ to 70_C(--13_ to 158_F)
Relative humidity
35% to 95% RH
Influence of temperature
±10% max. of sensing distance at 23_C (73.4_F) in temperature range of
--25_ to 70_C(--13_ to 158_F)
Dielectric strength
1,500 VAC, 50/60 Hz for 1 minute between current carrying parts and case
Electromagnetic compatibility
EN 60947--5--2
Vibration resistance
10 to 55 Hz, 1 mm amplitude according to IEC 60068--2--6
Shock resistance
Approx. 30 G for 11 ms according to IEC 60068--2--27


Similar Description - E2Q2--N15Y4-50

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
Panasonic Semiconductor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
   Compact Inductive Proximity Sensor
logo
Omron Electronics LLC
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
   Chip-immune Inductive Proximity Sensor
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com