Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSZC392M63V125x20F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSZC392M63V125x20F
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZC392M63V125x20F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSZC392M63V125x20F Datasheet HTML 1Page - NIC-Components Corp. NRSZC392M63V125x20F Datasheet HTML 2Page - NIC-Components Corp. NRSZC392M63V125x20F Datasheet HTML 3Page - NIC-Components Corp. NRSZC392M63V125x20F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
VERY LOW IMPEDANCE(LOWER THAN NRSZ) AT HIGH FREQUENCY
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (2000 ~ 7000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR SWITCHING POWER SUPPLIES
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
FEATURES
CHARACTERISTICS
Miniature Aluminum Electrolytic Capacitors
NRSZC Series
RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS
NRSZ
NRSZC
(today’s standard) (for new designs)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 35VDC
Capacitance Range
47 ~ 18,000
μF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current @ 20°C
after 2 min.
0.01CV
Max. Tan
δ ~ 120Hz/20°C
W.V. (VDC)
6.3
10
16
25
35
S.V. (VDC)
8
13
20
32
44
C < 1,000
μF
0.22
0.19
0.16
0.14
0.12
C = 1,800
μF
0.22
0.19
0.16
0.14
0.12
C = 2,200
μF
0.24
-
0.18
0.16
0.14
C = 2,700
μF
0.24
0.21
0.18
0.16
0.14
C = 3,300
μF
-
-
0.20
0.18
0.16
C = 3,900
μF
0.26
0.23
0.20
0.18
0.16
C = 4,700
μF
0.28
0.26
0.22
-
0.18
C = 5,600
μF
0.30
0.27
0.24
0.22
-
C = 6,800
μF
0.32
0.29
0.26
0.24
-
C = 8,200
μF
0.36
0.33
0.30
-
-
C = 10,000
μF
0.40
0.37
0.34
-
-
C = 12,000
μF
0.44
0.41
-
-
-
C = 15,000
μF
0.50
0.47
-
-
-
C = 18,000
μF
0.56
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
2
2
2
2
Z-40°C/Z+20°C
4
4
3
3
3
Load Life Test at Rated W.V. & 105°C
7,000 Hours: 16 ~ 18
φ
5,000 hours: 12.5
φ
4,000 hours: 10
φ
3,000 hours: 8
φ
2,000 hours: 5 ~ 6.3
φ
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
105°C for 1,000 hours
No Load
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
PART NUMBER SYSTEM
NRSZC 102 M 16V 10X16 TB Y F...
RoHS Compliant
TB = Tape & Box*
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see taping specifications for details
Optional: For automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NRSZC392M63V125x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZC392M6.3V10X12.5TBF NIC-NRSZC392M6.3V10X12.5TBF Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC392M6.3V10X20TBF NIC-NRSZC392M6.3V10X20TBF Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC392M6.3V12.5X20TBF NIC-NRSZC392M6.3V12.5X20TBF Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC392M6.3V16X25TBF NIC-NRSZC392M6.3V16X25TBF Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC392M6.3V5X11TBF NIC-NRSZC392M6.3V5X11TBF Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSZC392M63V125x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com