Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWA330M10V5x11F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRWA330M10V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWA330M10V5x11F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRWA330M10V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRWA330M10V5x11F Datasheet HTML 2Page - NIC-Components Corp. NRWA330M10V5x11F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RIPPLE CURRENT FREQUENCY CORRECTION
FACTOR
Size (D
∅xL)
Tape and Box*
NRWA 221 M 50V 10x16
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBERING SYSTEM
*see tape specification for details
Frequency (Hz)
50
120
300
1K
10K
100K
0.47 ~ 3.3
μF
0.65
1.00
1.35
1.75
2.30
2.50
4.7 ~ 33
μF
0.75
1.00
1.25
1.50
1.75
1.80
47 ~ 1000
μF
0.80
1.00
1.15
1.30
1.40
1.50
2200 ~ 10000
μF 0.85
1.00
1.03
1.05
1.08
1.08
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRWA1R0M50V5x11F
1.0
50
0.10
12
168
1,000
NRWA2R2M50V5x11F
2.2
0.10
18
75
1,000
NRWA3R3M50V5x11F
3.3
0.10
22
50
1,000
NRWA4R7M50V5x11F
4.7
0.10
26
35
1,000
NRWA100M50V5x11F
10
0.10
38
16.6
1,000
NRWA220M50V5x11F
22
0.10
57
7.5
1,000
NRWA330M50V6.3x11F
33
0.10
80
5.0
1,000
NRWA470M50V6.3x11F
47
0.10
96
3.5
1,000
NRWA101M50V8x11.5F
100
0.10
160
1.66
1,000
NRWA221M50V10x16F
220
0.10
310
0.75
1,000
NRWA331M50V10x20F
330
0.10
410
0.50
1,000
NRWA471M50V12.5x20F
470
0.10
540
0.35
1,000
NRWA102M50V16x25F
1,000
0.10
950
0.166
2,000
NRWA222M50V18x36F
2,200
0.12
1480
0.091
2,000
NRWA3R3M63V5x11F
3.3
63
0.09
23
40
1,000
NRWA4R7M63V5x11F
4.7
0.09
28
32
1,000
NRWA100M63V5x11F
10
0.09
41
15.0
1,000
NRWA220M63V6.3x11F
22
0.09
69
6.8
1,000
NRWA330M63V6.3x11F
33
0.09
85
4.5
1,000
NRWA470M63V8x11.5F
47
0.09
120
3.2
1,000
NRWA101M63V10x12.5F
100
0.09
200
1.49
1,000
NRWA221M63V10x20F
220
0.09
350
0.68
1,000
NRWA331M63V12.5x20F
330
0.09
480
0.45
1,000
NRWA471M63V12.5x25F
470
0.09
620
0.32
1,000
NRWA102M63V16x31.5F
1,000
0.09
1080
0.149
2,000
NRWA1R0M100V5x11F
1.0
100
0.08
13
133
1,000
NRWA2R2M100V5x11F
2.2
0.08
19
60
1,000
NRWA3R3M100V5x11F
3.3
0.08
23
40
1,000
NRWA4R7M100V5x11F
4.7
0.08
30
28
1,000
NRWA100M100V6.3x11F
10
0.08
49
13.3
1,000
NRWA220M100V8x11.5F
22
0.08
84
6.0
1,000
NRWA330M100V10x12.5F
33
0.08
120
4.0
1,000
NRWA470M100V10x16F
47
0.08
160
2.8
1,000
NRWA101M100V12.5x20F
100
0.08
280
1.33
1,000
NRWA221M100V16x25F
220
0.08
500
0.60
2,000
NRWA331M100V16x25F
330
0.08
610
0.40
2,000
NRWA471M100V16x31.5F
470
0.08
780
0.28
2,000
Miniature Aluminum Electrolytic Capacitors
NRWA Series
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRWA330M10V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWA330M10V5X11TBF NIC-NRWA330M10V5X11TBF Datasheet
207Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWA330M10V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com