Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39512500440 Datasheet(PDF) 1 Page - Littelfuse

Part # 39512500440
Description  Radial Lead Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

39512500440 Datasheet(HTML) 1 Page - Littelfuse

  39512500440 Datasheet HTML 1Page - Littelfuse 39512500440 Datasheet HTML 2Page - Littelfuse 39512500440 Datasheet HTML 3Page - Littelfuse 39512500440 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revised: May 6, 2009
179
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
395 Series
TE5® > Fast-Acting > 395 Series
Please refer to www.littelfuse.com/series/395.html for current information.
395 Series, TE5®, Fast-Acting Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
File number:
E 67006
50mA - 6.3A
File number:
E 67006
50mA - 6.3A
JET1896-31007-1002
1A - 5A
Features
Electrical Characteristics
% of Ampere
Rating
OpeningTime
200%
Max.
Electrical Characteristics
Amp
Code
Rated
Current
Voltage
Rating
Breaking Capacity
Voltage
Drop
1.0 x I
N
max. (mV)
Power
Dissipation
1.0 x I
N
max. (mW)
Melting
Integral
10 x I
N
max. (A2s)
Agency Approvals
0050
50mA
ϕ = 1.0
1600
85
0.0001
xx
0063
63mA
1300
85
0.00013
x
x
0080
80mA
1200
100
0.0002
x
x
0100
100mA
1100
110
0.0013
x
x
0125
125mA
1350
160
0.0019
x
x
0160
160mA
1000
150
0.0037
x
x
0200
200mA
950
210
0.0075
x
x
0250
250mA
900
225
0.013
x
x
0315
315mA
800
255
0.026
x
x
0400
400mA
230
95
0.015
x
x
0500
500mA
220
110
0.025
x
x
0630
630mA
210
135
0.045
x
x
0800
800mA
200
160
0.068
x
x
1100
1.00A
190
190
0.13
x
x
x
1125
1.25A
180
225
0.2
x
x
x
1160
1.60A
170
275
0.39
x
x
x
1200
2.00A
160
450
0.53
x
x
x
1250
2.50A
150
375
1.1
x
x
x
1315
3.15A
140
445
1.9
x
x
x
1400
4.00A
130
520
3.2
x
x
x
1500
5.00A
120
600
6.1
x
x
x
1630
6.30A
115
850
9.7
x
x
®
Description
Applications


Similar Part No. - 39512500440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39512500440 LITTELFUSE-39512500440 Datasheet
637Kb / 3P
   Radial Lead Fuses TE5짰 > Fast Acting Fuse > 395 Series
Revised:BO.11/13/20
More results

Similar Description - 39512500440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
   Radial Lead Fuses
400 LITTELFUSE-400 Datasheet
999Kb / 3P
   Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
   Radial Lead Fuses
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
   Radial Lead Fuses
39208000000 LITTELFUSE-39208000000 Datasheet
204Kb / 3P
   Radial Lead Fuses
383 LITTELFUSE-383 Datasheet
172Kb / 3P
   Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
   Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com