Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX183M035K452 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 380LX183M035K452
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX183M035K452 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 380LX183M035K452 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 11Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 12Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 13Page - List of Unclassifed Manufacturers 380LX183M035K452 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Catalog Part Number
Catalog Part Number
120 Hz 20 kHz 120 Hz 20 kHz (mm)
120 Hz 20 kHz 120 Hz 20 kHz (mm)
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
1200
380LX122M200K042
0.166 0.075
3.50
4.90
30 x 40
560
380LX561M250J042
0.326 0.130
2.30
3.20
25 x 40
1200
380LX122M200A022
0.166 0.075
3.50
4.90
35 x 30
560
380LX561M250K022
0.326 0.130
2.30
3.20
30 x 30
1500
380LX152M200K452
0.144 0.072
3.87
5.42
30 x 45
560
380LX561M250A012
0.326 0.130
2.30
3.20
35 x 25
1500
380LX152M200A032
0.144 0.072
3.87
5.42
35 x 35
680
380LX681M250J452
0.268 0.107
2.50
3.50
25 x 45
1800
380LX182M200K052
0.120 0.060
4.32
6.05
30 x 50
680
380LX681M250K032
0.268 0.107
2.50
3.50
30 x 35
1800
380LX182M200A042
0.120 0.060
4.32
6.05
35 x 40
680
380LX681M250A022
0.293 0.149
2.50
3.50
35 x 30
2200
380LX222M200A452
0.098 0.054
4.92
6.89
35 x 45
820
380LX821M250K042
0.222 0.089
2.80
3.90
30 x 40
2200
382LX222M200N042
0.098 0.054
4.92
6.89
40 x 40
820
380LX821M250A022
0.222 0.089
2.80
3.90
35 x 30
2700
380LX272M200A062
0.080 0.045
5.50
7.70
35 x 63
1000
380LX102M250K452
0.182 0.073
3.32
4.65
30 x 45
2700
382LX272M200N052
0.080 0.045
5.40
7.60
40 x 50
1000
380LX102M250A032
0.182 0.073
3.32
4.65
35 x 35
3300
380LX332M200A082
0.065 0.037
6.40
9.00
35 x 80
1200
380LX122M250A042
0.166 0.083
3.53
4.94
35 x 40
3300
382LX332M200N062
0.065 0.037
6.30
8.90
40 x 63
1500
380LX152M250A052
0.133 0.068
4.00
5.70
35 x 50
3900
380LX392M200A082
0.055 0.030
6.60
9.25
35 x 80
1500
382LX152M250N042
0.133 0.066
4.04
5.66
40 x 40
3900
382LX392M200N062
0.055 0.030
6.80
9.50
40 x63
1800
380LX182M250A062
0.110 0.055
4.50
6.30
35 x 63
3900
382LX392M200B052V
0.055 0.030
8.22
9.45
50 x 50
1800
382LX182M250N052
0.110 0.055
4.50
6.30
40 x 50
4700
382LX472M200N082
0.046 0.025
8.38
11.73
40 x 80
1800
382L182M250N062
0.062 0.030
4.80
6.40
40 x 63
4700
382LX472M200B062V
0.046 0.025
9.32
13.05
50 x 63
2200
380LX222M250A062
0.090 0.045
4.70
6.60
35 x 63
5600
380LX562M200A102
0.038 0.021
8.90
12.46 35 x 105
2200
380LX222M250A082
0.090 0.045
4.90
6.90
35 x 80
6800
382LX682M200N102
0.032 0.017
8.65
12.11 40 x 105
2200
382LX222M250N062
0.090 0.045
4.90
6.90
40 x 63
6800
382LX682M200B082V
0.032 0.017
11.41
15.97
50 x 80
2700
380LX272M250A082
0.074 0.037
5.60
7.90
35 x 80
7500
382LX752M200B092V
0.029 0.016
12.28
17.19
50 x 92
2700
382LX272M250N062
0.074 0.037
5.80
8.10
40 x 63
8200
382LX822M200B102V
0.026 0.014
13.16
18.42 50 x 105
2700
382L272M250N082
0.043 0.021
6.30
8.40
40 x 80
250 Vdc (300 Vdc Surge)
2700
382LX272M250B052V
0.074 0.037
6.77
7.79
50 x 50
120
380LX121M250H202
1.658 0.846
0.50
0.60
22 x 20
3300
382LX332M250N082
0.060 0.030
7.00
9.80
40 x 80
120
380LX121M250H012
1.520 0.610
0.71
1.00
22 x 25
3300
382LX332M250B062V
0.060 0.030
7.79
10.91
50 x 63
150
380LX151M250H012
1.220 0.490
0.90
1.25
22 x 25
3900
380LX392M250A102
0.051 0.026
7.47
10.46 35 x 105
150
380LX151M250J202
1.326 0.530
0.70
0.90
25 x 20
3900
382LX392M250N082
0.051 0.026
7.35
10.30
40 x 80
180
380LX181M250H012
0.920 0.370
1.10
1.50
22 x 25
4700
382LX472M250N102
0.042 0.021
8.88
12.43 40 x 105
220
380LX221M250H012
0.754 0.301
1.17
1.64
22 x 25
4700
382LX472M250B082V
0.042 0.021
9.65
13.51
50 x 80
220
380LX221M250K202
0.830 0.330
0.90
1.20
30 x 20
5600
382LX562M250B092V
0.036 0.018 10.80 15.12
50 x 92
270
380LX271M250H022
0.620 0.250
1.30
1.80
22 x 30
6800
382LX682M250B102V
0.029 0.015 12.16 17.02 50 x 105
270
380LX271M250J012
0.620 0.250
1.30
1.80
25 x 25
315 Vdc (365 Vdc Surge)
330
380LX331M250H032
0.550 0.220
1.80
2.50
22 x 35
100
380LX101M315H012
1.989 1.015
0.90
1.30
22 x 25
330
380LX331M250J022
0.550 0.220
1.80
2.50
25 x 30
120
380LX121M315H022
1.658 0.856
1.00
1.40
22 x 30
330
380LX331M250K012
0.550 0.220
1.80
2.50
30 x 25
120
380LX121M315J012
1.658 0.856
1.00
1.40
25 x 25
330
380LX331M250A202
0.550 0.220
1.10
1.50
35 x 20
150
380LX151M315H022
1.326 0.677
1.10
1.60
22 x 30
390
380LX391M250H042
0.510 0.260
1.90
2.70
22 x 40
150
380LX151M315J012
1.326 0.677
1.10
1.60
25 x 25
390
380LX391M250J022
0.468 0.187
1.91
2.67
25 x 30
180
380LX181M315H032
1.105 0.546
1.20
1.70
22 x 35
390
380LX391M250K012
0.510 0.260
1.90
2.70
30 x 25
180
380LX181M315J022
1.105 0.546
1.20
1.70
25 x 30
470
380LX471M250H452
0.390 0.155
2.10
3.00
22 x 45
180
380LX181M315K012
1.105 0.546
1.20
1.70
30 x 25
470
380LX471M250J032
0.390 0.155
2.10
3.00
25 x 35
220
380LX221M315H042
0.904 0.461
1.40
2.00
22 x 40
470
380LX471M250K012
0.353 0.141
2.10
3.00
30 x 25
220
380LX221M315J032
0.904 0.461
1.40
2.00
25 x 35
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 380LX183M035K452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX183M035K452 ETC2-380LX183M035K452 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX183M035K452 CDE-380LX183M035K452 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
380LX183M035K452 CDE-380LX183M035K452 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX183M035K452 CDE-380LX183M035K452 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX183M035K452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com