Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWS222M10V10x20F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRWS222M10V10x20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWS222M10V10x20F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRWS222M10V10x20F Datasheet HTML 1Page - NIC-Components Corp. NRWS222M10V10x20F Datasheet HTML 2Page - NIC-Components Corp. NRWS222M10V10x20F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRWS Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100kHz
Max. Impedance (
Ω)
+20°C/100KHz
Load Life Hours
@+105°C
NRWS221M6.3V5x11F
220
6.3
0.28
160
1.40
1,000
NRWS331M6.3V6.3x11F
330
0.28
240
0.58
1,000
NRWS471M6.3V6.3x11F
470
0.28
250
0.55
1,000
NRWS102M6.3V8x11.5F
1,000
0.28
450
0.26
1,000
NRWS222M6.3V10x16F
2,200
0.30
760
0.12
2,000
NRWS332M6.3V10x20F
3,300
0.32
900
0.10
2,000
NRWS472M6.3V12.5x20F
4,700
0.34
1100
0.072
2,000
NRWS682M6.3V12.5x25F
6,800
0.36
1420
0.054
2,000
NRWS103M6.3V16x25F
10,000
0.38
1700
0.043
2,000
NRWS153M6.3V16x36F
15,000
0.56
2100
0.032
2,000
NRWS101M10V5x11F
100
10
0.24
150
1.40
1,000
NRWS221M10V6.3x11F
220
0.24
240
0.58
1,000
NRWS331M10V6.3x11F
330
0.24
250
0.55
1,000
NRWS471M10V6.3x11F
470
0.24
370
0.39
1,000
NRWS102M10V10x12.5F
1,000
0.24
560
0.16
2,000
NRWS222M10V10x20F
2,200
0.26
900
0.10
2,000
NRWS332M10V12.5x20F
3,300
0.28
1100
0.074
2,000
NRWS472M10V12.5x25F
4,700
0.30
1420
0.054
2,000
NRWS682M10V16x25F
6,800
0.32
1700
0.043
2,000
NRWS103M10V16x31F
10,000
0.34
1950
0.035
2,000
NRWS153M10V18x36F
15,000
0.52
2400
0.028
2,000
NRWS101M16V5x11F
100
16
0.20
150
1.40
1,000
NRWS221M16V6.3x11F
220
0.20
240
0.55
1,000
NRWS331M16V8x11.5F
330
0.20
370
0.35
1,000
NRWS471M16V8x11.5F
470
0.20
450
0.28
1,000
NRWS102M16V10x16F
1,000
0.20
760
0.13
2,000
NRWS222M16V12.5x20F
2,200
0.22
1100
0.075
2,000
NRWS332M16V12.5x25F
3,300
0.24
1320
0.054
2,000
NRWS472M16V16x25F
4,700
0.26
1600
0.043
2,000
NRWS682M16V16x31F
6,800
0.28
1900
0.035
2,000
NRWS103M16V18x36F
10,000
0.30
2300
0.028
2,000
NRWS470M25V5x11F
47
25
0.16
150
1.40
1,000
NRWS101M25V6.3x11F
100
0.16
240
0.60
1,000
NRWS221M25V8x11.5F
220
0.16
370
0.39
1,000
NRWS331M25V8x11.5F
330
0.16
400
0.34
1,000
NRWS471M25V10x12.5F
470
0.16
560
0.17
2,000
NRWS102M25V10x20F
1,000
0.16
900
0.10
2,000
NRWS222M25V12.5x25F
2,200
0.18
1320
0.062
2,000
NRWS332M25V16x25F
3,300
0.20
1600
0.043
2,000
NRWS472M25V16x31F
4,700
0.22
1900
0.035
2,000
NRWS682M25V18x36F
6,800
0.24
2200
0.028
2,000
NRWS330M35V5x11F
33
35
0.14
120
2.10
1,000
NRWS470M35V5x11F
47
0.14
140
2.10
1,000
NRWS101M35V6.3x11F
100
0.14
180
1.10
1,000
NRWS221M35V8x11.5F
220
0.14
360
0.46
1,000
NRWS331M35V10x12.5F
330
0.14
580
0.26
1,000
NRWS471M35V10x16F
470
0.14
650
0.18
1,000
NRWS102M35V12.5x20F
1,000
0.14
900
0.11
2,000
NRWS222M35V16x25F
2,200
0.16
1400
0.056
2,000
NRWS332M35V16x35F
3,300
0.18
1800
0.038
2,000
NRWS472M35V18x36F
4,700
0.20
2000
0.035
2,000
NRWS2R2M50V5x11F
2.2
50
0.12
40
5.5
1,000
NRWS3R3M50V5x11F
3.3
0.12
50
4.0
1,000
NRWS4R7M50V5x11F
4.7
0.12
80
2.80
1,000
NRWS100M50V5x11F
10
0.12
90
2.30
1,000
NRWS220M50V5x11F
22
0.12
110
2.20
1,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
For Automotive Applications see part number system


Similar Part No. - NRWS222M10V10x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWS222M10V10X20F NIC-NRWS222M10V10X20F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWS222M10V10x20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com