Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLRW473M16V35X40SF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRLRW473M16V35X40SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW473M16V35X40SF Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NRLRW473M16V35X40SF Datasheet HTML 2Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 9Page - NIC-Components Corp. NRLRW473M16V35X40SF Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW271M160V20X25SF
270
160
20x25
0.922
0.709
1.10
1.65
NRLRW331M160V20X30SF
330
20x30
0.754
0.580
1.20
1.80
NRLRW331M160V22X25SF
22x25
0.754
0.580
1.21
1.81
NRLRW391M160V20X30SF
390
20x30
0.638
0.491
1.24
1.86
NRLRW391M160V22X25SF
22x25
0.638
0.491
1.30
1.95
NRLRW471M160V20X35SF
470
20x35
0.53
0.408
1.42
2.13
NRLRW471M160V22X30SF
22x30
0.53
0.408
1.41
2.11
NRLRW561M160V20X40SF
560
20x40
0.445
0.342
1.57
2.35
NRLRW561M160V22X35SF
22x35
0.445
0.342
1.54
2.31
NRLRW561M160V25X25SF
25x25
0.445
0.342
1.51
2.26
NRLRW681M160V20X45SF
680
20x45
0.366
0.282
1.70
2.55
NRLRW681M160V22X40SF
22x40
0.366
0.282
1.74
2.61
NRLRW681M160V25X30SF
25x30
0.366
0.282
1.74
2.61
NRLRW681M160V30X25SF
30x25
0.366
0.282
1.74
2.61
NRLRW821M160V22X45SF
820
22x45
0.304
0.234
2.00
3.00
NRLRW821M160V25X35SF
25x35
0.304
0.234
2.00
3.00
NRLRW821M160V30X30SF
30x30
0.304
0.234
2.00
3.00
NRLRW102M160V22X50SF
1,000
22x50
0.249
0.192
2.25
3.37
NRLRW102M160V25X40SF
25x40
0.249
0.192
2.25
3.37
NRLRW102M160V30X30SF
30x30
0.249
0.192
2.25
3.37
NRLRW102M160V35X25SF
35x25
0.249
0.192
2.25
3.37
NRLRW122M160V25X45SF
1,200
25x45
0.208
0.160
2.49
3.73
NRLRW122M160V30X35SF
30x35
0.208
0.160
2.49
3.73
NRLRW122M160V35X30SF
35x30
0.208
0.160
2.45
3.67
NRLRW152M160V30X40SF
1,500
30x40
0.166
0.128
2.84
4.26
NRLRW152M160V35X30SF
35x30
0.166
0.128
2.68
4.02
NRLRW182M160V30X45SF
1,800
30x45
0.139
0.107
3.32
4.98
NRLRW182M160V35X35SF
35x35
0.139
0.107
3.00
4.50
NRLRW222M160V35X45SF
2,200
35x45
0.114
0.087
3.50
5.25
NRLRW272M160V35X50SF
2,700
35x50
0.093
0.071
4.00
6.00
NRLRW271M180V20X25SF
270
180
20x25
0.922
0.709
0.93
1.39
NRLRW331M180V20X30SF
330
20x30
0.754
0.580
1.20
1.80
NRLRW331M180V22X25SF
22x25
0.754
0.580
1.20
1.80
NRLRW391M180V20X35SF
390
20x35
0.638
0.491
1.30
1.95
NRLRW391M180V22X30SF
22x30
0.638
0.491
1.35
2.02
NRLRW471M180V20X40SF
470
20x40
0.530
0.408
1.40
2.10
NRLRW471M180V25X35SF
22x35
0.530
0.408
1.42
2.13
NRLRW471M180V25X25SF
25x25
0.530
0.408
1.38
2.07
NRLRW561M180V20X45SF
560
20x45
0.445
0.342
1.55
2.32
NRLRW561M180V22X40SF
22x40
0.445
0.342
1.60
2.40
NRLRW561M180V25X30SF
25x30
0.445
0.342
1.55
2.32
NRLRW681M180V22X45SF
680
22x45
0.366
0.282
1.78
2.67
NRLRW681M180V25X35SF
25x35
0.366
0.282
1.78
2.67
NRLRW681M180V30X25SF
30x25
0.366
0.282
1.55
2.32
NRLRW821M180V22X50SF
820
22x50
0.304
0.234
2.00
3.00
NRLRW821M180V25X40SF
25x40
0.304
0.234
2.00
3.00
NRLRW821M180V30X30SF
30x30
0.304
0.234
2.00
3.00
NRLRW821M180V35X25SF
35x25
0.304
0.234
2.00
3.00
NRLRW102M180V25X45SF
1,000
25x45
0.249
0.192
2.25
3.37
NRLRW102M180V30X25SF
30x35
0.249
0.192
2.25
3.37
NRLRW102M180V35X30SF
35x30
0.249
0.192
2.26
3.39
NRLRW122M180V25X50SF
1,200
25x50
0.208
0.160
2.54
3.81
NRLRW122M180V30X40SF
30x40
0.208
0.160
2.52
3.78
NRLRW122M180V35X30SF
35x30
0.208
0.160
2.60
3.90
NRLRW152M180V30X45SF
1,500
30x45
0.166
0.128
2.90
4.35
NRLRW152M180V35X35SF
35x35
0.166
0.128
2.95
4.42
180Vdc continued on next page


Similar Part No. - NRLRW473M16V35X40SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW473M16V35X30F NIC-NRLRW473M16V35X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW473M16V35X40SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com