Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRZX470M16V5X11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRZX470M16V5X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRZX470M16V5X11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRZX470M16V5X11F Datasheet HTML 1Page - NIC-Components Corp. NRZX470M16V5X11F Datasheet HTML 2Page - NIC-Components Corp. NRZX470M16V5X11F Datasheet HTML 3Page - NIC-Components Corp. NRZX470M16V5X11F Datasheet HTML 4Page - NIC-Components Corp. NRZX470M16V5X11F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
+125°C WIDE TEMPERATURE RANGE, RADIAL LEADS, POLARIZED
FEATURES
• -40°C ~ +125°C EXTENDED OPERATING TEMPERATURE RANGE
• LOW IMPEDANCE AND HIGH RIPPLE CURRENT AT HIGH FREQUENCY
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
NRZX Series
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
10 ~ 35Vdc
Capacitance Range
22 ~ 2,200
μF
Operating Temperature Range
-40 ~ +125°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current @ 20°C
0.01CV or 3
μA, whichever is greater after 2 minutes
Max. Tan
δ @ 120Hz/20°C
W.V. (Vdc)
10
16
25
35
S.V. (Vdc)
13
20
32
44
C < 1,000
μF
0.20
0.16
0.14
0.12
C = 1,200
μF
0.20
-
-
-
C = 1,500
μF
0.20
0.16
-
-
C = 2,200
μF
0.22
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
2
2
2
Z-40°C/Z+20°C
6
4
3
3
Load Life Test
at Rated W.V. +125°C
Case Diameter
φD < 6.3
φD = 8
φD = 10
φD = 12.5
Life Hours
1,000hrs
2,000hrs
3,000hrs
4,000hrs
Capacitance Change
Within ±30% of intial measured value
Tan
δ
Less than 300% of specified value
Leakage Current
Less than specified vlaue
Cap. (
μF) Code
Working Voltage (VDC)
10
16
25
35
22
220
-
-
-
5x11
33
330
-
-
5x11
-
47
470
-
5x11
-
8x12.5
56
560
5x11
-
6.3x11
6.3x11
100
101
-
6.3x11
-
8x11.5
120
121
6.3x11
-
-
8x16
150
151
-
-
8x11.5
10x12.5
180
181
-
-
-
8x20
220
221
-
8x11.5
8x16
10x16
10x12.5
270
271
-
-
8x20
10x20
330
331
8x11.5
8x16
10x16
10x23
10x12.5
470
471
8x16
8x20
10x20
12.5x20
10x12.5
10x16
560
561
-
-
10x23
12.5x25
680
681
8x20
10x20
12.5x20
-
10x16
820
821
-
10x23
-
-
1000
102
10x20
12.5x20
12.5x25
-
1200
122
10x23
-
-
-
1500
152
12.5x20
12.5x25
-
-
2200
222
12.5x25
-
-
-
STANDARD PRODUCT AND CASE SIZE D
φxL (mm)
DIAMETER AND LEADSPACE (mm)
β = L < 16mm=1.5mm, L > 20mm=2.0mm
Case Dia. (D
φ)
5.0
6.3
8.0
10
12.5
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
Dim.
α
0.5
1.0
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRZX470M16V5X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRZX470M16V5X11F NIC-NRZX470M16V5X11F Datasheet
167Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRZX470M16V5X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com