Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLPW392M80V30X30SF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLPW392M80V30X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW392M80V30X30SF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLPW392M80V30X30SF Datasheet HTML 1Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW392M80V30X30SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW222M50V20X25SF
50VDC
2200
20X25
0.35
994
0.264
0.204
1.6
1.84
NRLPW272M50V20X30SF
2700
20X30
0.35
1102
0.215
0.166
1.73
1.98
NRLPW272M50V22X25SF
2700
22X25
0.35
1102
0.215
0.166
1.73
1.98
NRLPW332M50V20X35SF
3300
20X35
0.35
1218
0.176
0.136
1.97
2.26
NRLPW332M50V22X30SF
3300
22X30
0.35
1218
0.176
0.136
1.97
2.26
NRLPW392M50V20X40SF
3900
20X40
0.35
1324
0.149
0.115
2.22
2.55
NRLPW392M50V22X35SF
3900
22X35
0.35
1324
0.149
0.115
2.22
2.55
NRLPW392M50V25X25SF
3900
25X25
0.35
1324
0.149
0.115
2.22
2.55
NRLPW472M50V20X45SF
4700
20X45
0.35
1454
0.124
0.096
2.43
2.79
NRLPW472M50V22X40SF
4700
22X40
0.35
1454
0.124
0.096
2.43
2.79
NRLPW472M50V25X30SF
4700
25X30
0.35
1454
0.124
0.096
2.43
2.79
NRLPW562M50V22X45SF
5600
22X45
0.35
1587
0.104
0.08
2.75
3.16
NRLPW562M50V25X35SF
5600
25X35
0.35
1587
0.104
0.08
2.75
3.16
NRLPW562M50V30X25SF
5600
30X25
0.35
1587
0.104
0.08
2.75
3.16
NRLPW682M50V22X50SF
6800
22X50
0.35
1749
0.086
0.067
3.3
3.79
NRLPW682M50V25X40SF
6800
25X40
0.35
1749
0.086
0.067
3.3
3.79
NRLPW682M50V30X30SF
6800
30X30
0.35
1749
0.086
0.067
3.3
3.79
NRLPW682M50V35X25SF
6800
35X25
0.35
1749
0.086
0.067
3.3
3.79
NRLPW822M50V25X45SF
8200
25X45
0.35
1920
0.071
0.055
3.6
4.14
NRLPW822M50V30X35SF
8200
30X35
0.35
1920
0.071
0.055
3.6
4.14
NRLPW103M50V25X50SF
10000
25X50
0.35
2121
0.059
0.046
4.05
4.65
NRLPW103M50V30X40SF
10000
30X40
0.35
2121
0.059
0.046
4.05
4.65
NRLPW103M50V35X30SF
10000
35X30
0.35
2121
0.059
0.046
4.05
4.65
NRLPW123M50V30X45SF
12000
30X45
0.35
2323
0.049
0.038
4.56
5.24
NRLPW123M50V35X35SF
12000
35X35
0.35
2323
0.049
0.038
4.56
5.24
NRLPW153M50V30X50SF
15000
30X50
0.35
2598
0.039
0.03
4.77
5.48
NRLPW153M50V35X40SF
15000
35X40
0.35
2598
0.039
0.03
4.77
5.48
NRLPW152M63V20X25SF
63VDC
1500
20X25
0.3
922
0.332
0.256
1.47
1.69
NRLPW182M63V20X30SF
1800
20X30
0.3
1010
0.277
0.214
1.58
1.81
NRLPW222M63V20X35SF
2200
20X35
0.3
1116
0.227
0.175
1.82
2.09
NRLPW272M63V22X30SF
2700
22X30
0.3
1237
0.185
0.143
2.11
2.42
NRLPW272M63V25X25SF
2700
25X25
0.3
1237
0.185
0.143
2.11
2.42
NRLPW332M63V22X35SF
3300
22X35
0.3
1367
0.151
0.117
2.33
2.67
NRLPW392M63V22X40SF
3900
22X40
0.3
1487
0.128
0.099
2.55
2.93
NRLPW392M63V25X30SF
3900
25X30
0.3
1487
0.128
0.099
2.55
2.93
NRLPW392M63V30X25SF
3900
30X25
0.3
1487
0.128
0.099
2.55
2.93
NRLPW472M63V22X45SF
4700
22X45
0.3
1632
0.106
0.082
2.97
3.41
NRLPW472M63V25X35SF
4700
25X35
0.3
1632
0.106
0.082
2.97
3.41
NRLPW562M63V25X40SF
5600
25X40
0.3
1781
0.089
0.069
3.22
3.7
NRLPW562M63V30X30SF
5600
30X30
0.3
1781
0.089
0.069
3.22
3.7
NRLPW562M63V35X25SF
5600
35X25
0.3
1781
0.089
0.069
3.22
3.7
NRLPW682M63V25X45SF
6800
25X45
0.3
1963
0.074
0.057
3.65
4.19
NRLPW682M63V30X35SF
6800
30X35
0.3
1963
0.074
0.057
3.65
4.19
NRLPW682M63V35X30SF
6800
35X30
0.3
1963
0.074
0.057
3.65
4.19
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW392M80V30X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW392M80V30X30SF NIC-NRLPW392M80V30X30SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW392M80V30X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com