Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSP221M2D2ATRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NSP221M2D2ATRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP221M2D2ATRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NSP221M2D2ATRF Datasheet HTML 1Page - NIC-Components Corp. NSP221M2D2ATRF Datasheet HTML 2Page - NIC-Components Corp. NSP221M2D2ATRF Datasheet HTML 3Page - NIC-Components Corp. NSP221M2D2ATRF Datasheet HTML 4Page - NIC-Components Corp. NSP221M2D2ATRF Datasheet HTML 5Page - NIC-Components Corp. NSP221M2D2ATRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
NSP Series
D2 - D6, D2X - D6X, D3Y, D4Y Sizes
Base: Fe (~ 100µm)
Under Plating: Cu (~ 5µm)
Finish Plating: Sn (5 ~ 9µm)
D2Z - D6Z, D6Y, D6U, D6V Sizes
Base: Cu (~ 105µm)
Finish Plating: Sn (5 ~ 9µm)
TERMINATION MATERIAL:
New Values
NIC Part Number
(Reflow 260°C)
WV Cap. Max. LC
Tan δ
Max. Ripple Current
+105°C & 100KHz (mArms)
Max. ESR
+20°C & 100KHz (Ω)
Height
H
(Vdc) (µF)
(µA)
NSP101M6.3D6ATRF
6.3
100
63.0
0.06
2,700
0.015
1.9±0.2
NSP121M6.3D6ATRF
120
75.6
0.06
2,700
0.015
1.9±0.2
NSP121M6.3D6ZATRF
120
75.6
0.06
3,500
0.007
1.9±0.2
NSP151M6.3D6ATRF
150
94.5
0.06
2,700
0.015
1.9±0.2
NSP151M6.3D6XATRF
150
75.6
0.06
3,000
0.012
1.9±0.2
NSP151M6.3D6ZATRF
150
94.5
0.06
3,000
0.009
1.9±0.2
NSP181M6.3D6ATRF
180
113.4
0.06
2,700
0.015
1.9±0.2
NSP221M6.3D4ATRF
220
138.6
0.10
3,000
0.015
4.2±0.1
NSP8R2M8D2ATRF
8.0
8.2
6.3
0.06
1,400
0.055
1.8±0.1
NSP150M8D2ATRF
15
12.0
0.06
1,600
0.040
1.8±0.1
NSP220M8D2ATRF
22
17.6
0.06
2,000
0.028
1.8±0.1
NSP330M8D2ATRF
33
26.4
0.06
2,500
0.018
1.8±0.1
NSP470M8D2ATRF
47
37.6
0.06
1,800
0.025
1.8±0.1
NSP680M8D3ATRF
68
54.4
0.10
3,000
0.015
2.8±0.2
NSP101M8D3ATRF
100
80.0
0.10
2,500
0.018
2.8±0.2
NSP151M8D4ATRF
150
120.0
0.10
3,000
0.015
4.2±0.1
NSP220M10D2ATRF
10
22
22.0
0.06
1,600
0.030
1.8±0.1
NSP330M10D2ATRF
33
33.0
0.06
1,800
0.025
1.8±0.1
NSP390M10D2ATRF
39
39.0
0.06
1,800
0.025
1.8±0.1
PART NUMBERING SYSTEM
NSP 101 M 12.5 D2 X A TR F
RoHS Compliant
Tape and Reel
Peak Reflow Temperature Code
(A = +260°C, No Code = +240°C)
Performance Code
Case Size
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in µF, first 2 digits are
significant, third digits no. of zeros
Series
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel:
tpmg@niccomp.com
STANDARD PRODUCTS AND SPECIFICATIONS


Similar Part No. - NSP221M2D2ATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP221M2D2ATRF NIC-NSP221M2D2ATRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NSP221M2D2ATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECG-C0JB220R PANASONIC-ECG-C0JB220R Datasheet
349Kb / 4P
   Specialty Polymer Aluminum Electrolytic Capacitors/CB
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com