Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSY330M35V5x11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSY330M35V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSY330M35V5x11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSY330M35V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRSY330M35V5x11F Datasheet HTML 2Page - NIC-Components Corp. NRSY330M35V5x11F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
REDUCED SIZE, LOW IMPEDANCE, RADIAL LEADS, POLARIZED
ALUMINUM ELECTROLYTIC CAPACITORS
FEATURES
• FURTHER REDUCED SIZING
• LOW IMPEDANCE AT HIGH FREQUENCY
• IDEALLY FOR SWITCHERS AND CONVERTERS
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
NRSY Series
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 50Vdc
Capacitance Range
2.2 ~ 15,000
μF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current
After 2 minutes At +20°C
0.01CV or 3
μA, whichever is greater
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
C < 1,000
μF
0.28
0.24
0.20
0.16
0.14
0.12
C = 2,200
μF
0.30
0.26
0.22
0.18
0.16
0.14
C = 3,300
μF
0.32
0.28
0.24
0.20
0.18
-
C = 4,700
μF
0.34
0.30
0.26
0.22
-
-
C = 6,800
μF
0.38
0.34
0.30
-
-
-
C = 10,000
μF
0.56
0.42
----
C = 15,000
μF
0.56
-----
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-40°C/Z+20°C
332222
Z-55°C/Z+20°C
654433
Load Life Test at Rated W.V.
+105°C 1,000 Hours = 8
φ or less
+105°C 2,000 Hours = 10
φ
+105°C 3,000 Hours = 12.5
φ up
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
LEADSPACE AND DIAMETER (mm)
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
Cap. (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
2.2
2R2
-----
5x11
3.3
3R3
-----
5x11
4.7
4R7
-----
5x11
10
100
-----
5x11
22
220
-----
5x11
33
330
----
5x11
5x11
47
470
----
5x11
6.3x11
100
101
-
-
5x11
6.3x11
6.3x11
8x11.5
220
221
5x11
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
330
331
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
470
471
6.3x11
8x11.5
8x11.5
10x12.5
10x16
10x20
1000
102
8x11.5
10x12.5
10x16
10x20
12.5x20 12.5x25
2200
222
10x16
10x20
12.5x20 12.5x25
16x25
16x31.5
3300
332
10x20
12.5x20 12.5x25
16x25
16x35.5
-
4700
472
12.5x20 12.5x25
16x25
16x31.5
-
-
6800
682
12.5x25
16x25
16x31.5
-
-
-
10000
103
16x25
16x31.5
-
-
-
-
15000
153
16x35.5
-----
Case Dia. (D
φ)
5
6.3
8
10
12.5 16
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
Lead Spacing (F) 2.0
2.5
3.5
5.0
5.0
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
0.5
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+


Similar Part No. - NRSY330M35V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSY330M35V5X11TBF NIC-NRSY330M35V5X11TBF Datasheet
142Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSY330M35V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com