Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWX101M50V10x125F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRWX101M50V10x125F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWX101M50V10x125F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRWX101M50V10x125F Datasheet HTML 1Page - NIC-Components Corp. NRWX101M50V10x125F Datasheet HTML 2Page - NIC-Components Corp. NRWX101M50V10x125F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RIPPLE CURRENT CORRECTION FACTOR
Frequency (Hz)
100Hz ~ <1KHz
1KHz ~ <10KHz
> 10K
C < 4.7
μF
0.4
0.7
1.0
4.7
μF < C < 100μF
0.50
0.73
0.92
100
μF < C < 1000μF
0.55
0.77
0.94
1000
μF < C
0.60
0.80
0.96
For Automotive Applications see part number system
Miniature Aluminum Electrolytic Capacitors
NRWX Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+125°C/100KHz
Max. ESR (
Ω)
+20°C/100KHz
Load Life Hours
@+125°C
NRWX100M250V10x20F
10
250
0.20
78
N/A
2,000
NRWX220M250V12.5x20F
22
0.20
128
2,000
NRWX330M250V12.5x25F
33
0.20
171
2,000
NRWX470M250V16x25F
47
0.20
225
2,000
NRWX680M250V16x31.5F
68
0.20
292
2,000
NRWX4R7M350V10x20F
4.7
350
0.20
53
2,000
NRWX100M350V10x20F
10
0.20
67
2,000
NRWX220M350V12.5X25F
22
0.20
139
2,000
NRWX330M350V16x25F
33
0.20
189
2,000
NRWX470M350V16x31.5F
47
0.20
243
2,000
NRWX4R7M400V10x20F
4.7
400
0.20
53
2,000
NRWX100M400V12.5x20F
10
0.20
86
2,000
NRWX220M400V12.5X25F
22
0.20
142
2,000
NRWX330M400V16x25F
33
0.20
189
2,000
NRWX470M400V16x31.5F
47
0.20
243
2,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
PART NUMBERING SYSTEM
NRWX 331 M 25V 10X16 TB Y F .
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see tape specification for details
Optional: For automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NRWX101M50V10x125F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWX101M50V10X12.5F NIC-NRWX101M50V10X12.5F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWX101M50V10x125F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com