Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LX823M035B082V Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 382LX823M035B082V
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

382LX823M035B082V Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 382LX823M035B082V Datasheet HTML 5Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 6Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 7Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 8Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 9Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 10Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 11Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 12Page - List of Unclassifed Manufacturers 382LX823M035B082V Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Catalog Part Number
Catalog Part Number
120 Hz 20 kHz 120 Hz 20 kHz (mm)
120 Hz 20 kHz 120 Hz 20 kHz (mm)
160 Vdc (200 Vdc Surge)
180 Vdc (225 Vdc Surge)
820
380LX821M160H042
0.260 0.130
2.50
3.50
22 x 40
820
380LX821M180H452
0.243 0.124
2.80
3.90
22 x 45
820
380LX821M160H452
0.260 0.130
2.80
3.90
22 x 45
820
380LX821M180J042
0.243 0.124
2.80
3.90
25 x 40
820
380LX821M160J032
0.260 0.130
2.80
3.90
25 x 35
820
380LX821M180K022
0.243 0.124
2.80
3.90
30 x 30
820
380LX821M160K012
0.260 0.130
2.75
3.85
30 x 25
1000
380LX102M180J452
0.199 0.102
3.00
4.20
25 x 45
1000
380LX102M160H452
0.220 0.110
3.00
4.20
22 x 45
1000
380LX102M180K032
0.199 0.102
3.00
4.20
30 x 35
1000
380LX102M160J042
0.220 0.110
3.00
4.20
25 x 40
1200
380LX122M180J052
0.166 0.085
3.30
4.60
25 x 50
1000
380LX102M160K022
0.220 0.110
3.00
4.20
30 x 30
1200
380LX122M180K042
0.166 0.085
3.30
4.60
30 x 40
1200
380LX122M160J052
0.210 0.115
3.25
4.55
25 x 50
1200
380LX122M180A032
0.166 0.085
3.30
4.60
35 x 35
1200
380LX102M160K032
0.210 0.115
3.25
4.55
30 x 35
1500
380LX152M180K452
0.133 0.068
3.80
5.40
30 x 45
1200
380LX122M160A022
0.210 0.115
3.25
4.55
35 x 30
1500
380LX152M180A042
0.133 0.068
3.80
5.40
35 x 40
1500
380LX152M160J052
0.170 0.090
3.70
5.20
25 x 50
1800
380LX182M180K052
0.111 0.057
4.30
6.00
30 x 50
1500
380LX152M160K032
0.170 0.090
3.70
5.20
30 x 35
1800
380LX182M180A042
0.111 0.057
4.30
6.00
35 x 40
1500
380LX152M160A022
0.166 0.091
3.73
5.22
35 x 30
2200
380LX222M180A052
0.090 0.046
4.90
6.90
35 x 50
1800
380LX182M160K052
0.140 0.085
4.20
5.90
30 x 50
2700
382L272M180N062
0.051 0.027
5.00
6.50
40 x 63
1800
380LX182M160A032
0.140 0.085
4.20
5.90
35 x 35
2700
380L272M180A072
0.054 0.027
4.80
6.20
35 x 70
2200
380LX222M160K052
0.105 0.053
4.78
6.69
30 x 50
3300
380L332M180A082
0.046 0.023
5.40
7.10
35 x 80
2200
380LX222M160A042
0.115 0.075
4.78
6.69
35 x 40
4700
382L472M180N082
0.036 0.020
6.60
8.50
40 x 80
2700
380LX272M160A052
0.090 0.060
5.50
7.60
35 x 50
200 Vdc (250 Vdc Surge)
2700
382LX272M160N042
0.080 0.045
5.50
7.60
40 x 40
150
380LX151M200H202
1.330 0.600
0.65
0.90
22 x 20
3300
380LX332M160A062
0.065 0.040
6.30
8.80
35 x 63
150
380LX151M200H012
1.220 0.550
0.70
1.00
22 x 25
3300
380LX332M160N052
0.065 0.040
6.30
8.80
40 x 50
220
380LX221M200H012
0.083 0.380
1.00
1.45
22 x 25
3900
380LX392M160A082
0.055 0.030
7.30
10.20
35 x 80
220
380LX221M200J202
0.905 0.410
0.90
1.20
25 x 20
3900
380LX392M160N062
0.055 0.030
7.30
10.20
40 x 63
270
380LX271M200H012
0.610 0.280
1.40
2.00
22 x 25
4700
382L472M160N082
0.036 0.020
6.60
8.50
40 x 80
330
380LX331M200H012
0.550 0.250
1.60
2.20
22 x 25
5600
382LX562M160N082
0.040 0.020
8.30
11.70
40 x 80
330
380LX331M200K202
0.603 0.308
1.00
1.40
30 x 20
5600
382LX562M160B052V
0.040 0.020
8.25
9.50
50 x 50
390
380LX391M200H022
0.470 0.210
1.70
2.40
22 x 30
6800
380LX682M160A102
0.032 0.017
9.10
12.70 35 x 105
390
380LX391M200J012
0.470 0.210
1.70
2.40
25 x 25
8200
382LX822M160B062V
0.026 0.015
8.90
12.50
50 x 63
470
380LX471M200H032
0.390 0.180
1.90
2.60
22 x 35
10000
382LX103M160N102
0.022 0.012
9.90
13.80 40 x 105
470
380LX471M200J022
0.390 0.180
1.90
2.60
25 x 30
10000
382LX103M160B082V
0.022 0.012
9.80
13.70
50 x 80
470
380LX471M200K012
0.423 0.216
1.90
2.60
30 x 25
12000
382LX123M160B092V
0.018 0.010 12.90 18.10
50 x 92
470
380LX471M200A202
0.460 0.210
1.30
1.80
35 x 20
15000
382LX153M160B102V
0.014 0.008 14.10 19.70 50 x105
560
380LX561M200H042
0.330 0.150
2.40
3.40
22 x 40
180 Vdc (225 Vdc Surge)
560
380LX561M200J022
0.330 0.150
2.43
3.40
25 x 30
330
380LX331M180H012
0.603 0.308
1.80
2.50
22 x 25
560
380LX561M200K012
0.390 0.180
2.15
3.16
30 x 25
390
380LX391M180H022
0.510 0.260
1.20
1.60
22 x 30
680
380LX681M200H452
0.270 0.120
2.70
3.80
22 x 45
390
380LX391M180J012
0.510 0.260
1.20
1.60
25 x 25
680
380LX681M200J032
0.270 0.120
2.70
3.80
25 x 35
470
380LX471M180H032
0.423 0.216
2.10
2.90
22 x 35
680
380LX681M200K022
0.270 0.120
2.70
3.80
30 x 30
470
380LX471M180J012
0.423 0.216
2.10
2.90
25 x 25
820
380LX821M200J452
0.220 0.100
2.90
4.10
25 x 45
560
380LX561M180H032
0.355 0.181
2.30
3.20
22 x 35
820
380LX821M200K022
0.220 0.100
2.90
4.10
30 x 30
560
380LX561M180J022
0.355 0.181
2.30
3.20
25 x 30
820
380LX821M200A012
0.243 0.124
2.90
4.10
35 x 25
680
380LX681M180H042
0.293 0.149
2.50
3.50
22 x 40
1000
380LX102M200J452
0.199 0.090
3.25
4.55
25 x 45
680
380LX681M180J032
0.293 0.149
2.50
3.50
25 x 35
1000
380LX102M200K032
0.199 0.090
3.25
4.55
30 x 35
680
380LX681M180K022
0.293 0.149
2.50
3.50
30 x 30
1000
380LX102M200A022
0.199 0.102
3.30
4.60
35 x 30
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 382LX823M035B082V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382LX823M035B082V ETC2-382LX823M035B082V Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
382LX823M035B082V CDE-382LX823M035B082V Datasheet
464Kb / 12P
   High-Capacitance Snap-In
382LX823M035B082V CDE-382LX823M035B082V Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX823M035B082V CDE-382LX823M035B082V Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX823M035B082V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com