Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWA220M25V5x11F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRWA220M25V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWA220M25V5x11F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRWA220M25V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRWA220M25V5x11F Datasheet HTML 2Page - NIC-Components Corp. NRWA220M25V5x11F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRWA Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRWA330M6.3V5x11F
33
6.3
0.22
47
11.1
1,000
NRWA470M6.3V5x11F
47
0.22
57
7.8
1,000
NRWA101M6.3V5x11F
100
0.22
82
3.7
1,000
NRWA331M6.3V6.3x11F
330
0.22
170
1.11
1,000
NRWA471M6.3V8x11.5F
470
0.22
230
0.78
1,000
NRWA102M6.3V10x12.5F
1,000
0.22
400
0.36
1,000
NRWA222M6.3V12.5x20F
2,200
0.24
760
0.181
1,000
NRWA332M6.3V12.5x20F
3,300
0.26
890
0.131
1,000
NRWA472M6.3V16x25F
4,700
0.28
1230
0.099
2,000
NRWA682M6.3V16x25F
6,800
0.32
1340
0.078
2,000
NRWA103M6.3V16x31F
10,000
0.40
1610
0.063
2,000
NRWA220M10V5x11F
22
10
0.19
42
14.3
1,000
NRWA330M10V5x11F
33
0.19
51
9.6
1,000
NRWA470M10V5x11F
47
0.19
61
6.7
1,000
NRWA101M10V5x11F
100
0.19
89
3.2
1,000
NRWA221M10V6.3x11F
220
0.19
150
1.43
1,000
NRWA471M10V8x11.5F
470
0.19
250
0.67
1,000
NRWA102M10V10x16F
1,000
0.19
470
0.32
1,000
NRWA222M10V12.5x20F
2,200
0.21
790
0.158
1,000
NRWA332M10V12.5x25F
3,300
0.23
1000
0.166
1,000
NRWA472M10V16x25F
4,700
0.25
1270
0.088
2,000
NRWA682M10V16x31F
6,800
0.29
1540
0.071
2,000
NRWA103M10V18x36F
10,000
0.37
1770
0.058
2,000
NRWA100M16V5x11F
10
16
0.16
31
26.5
1,000
NRWA220M16V5x11F
22
0.16
45
12.1
1,000
NRWA330M16V5x11F
33
0.16
55
8.0
1,000
NRWA470M16V5x11F
47
0.16
68
5.8
1,000
NRWA101M16V6.3x11F
100
0.16
110
2.7
1,000
NRWA221M16V8x11.5F
220
0.16
190
1.21
1,000
NRWA331M16V8x11.5F
330
0.16
230
0.80
1,000
NRWA471M16V10x12.5F
470
0.16
320
0.66
1,000
NRWA102M16V10x20F
1,000
0.16
560
0.27
1,000
NRWA222M16V12.5x25F
2,200
0.18
950
0.136
1,000
NRWA332M16V16x25F
3,300
0.20
1220
0.101
2,000
NRWA472M16V16x31.5F
4,700
0.22
1490
0.078
2,000
NRWA682M16V18x35.5F
6,800
0.26
1770
0.063
2,000
NRWA4R7M25V5x11F
4.7
25
0.14
22
49
1,000
NRWA100M25V5x11F
10
0.14
33
23
1,000
NRWA220M25V5x11F
22
0.14
49
10.8
1,000
NRWA330M25V5x11F
33
0.14
59
7.0
1,000
NRWA470M25V5x11F
47
0.14
71
4.9
1,000
NRWA101M25V6.3x11F
100
0.14
120
2.3
1,000
NRWA221M25V8x11.5F
220
0.14
200
1.1
1,000
NRWA331M25V10x12.5F
330
0.14
290
0.70
1,000
NRWA471M25V10x16F
470
0.14
380
0.49
1,000
NRWA102M25V12.5x20F
1,000
0.14
670
0.23
1,000
NRWA222M25V16x25F
2,200
0.16
1110
0.121
2,000
NRWA332M25V16x31F
3,300
0.18
1380
0.090
2,000
NRWA472M25V18x35.5F
4,700
0.20
1670
0.071
2,000
NRWA4R7M35V5x11F
4.7
35
0.12
24
42
1,000
NRWA100M35V5x11F
10
0.12
35
19.9
1,000
NRWA220M35V5x11F
22
0.12
52
9.0
1,000
NRWA330M35V5x11F
33
0.12
64
6.0
1,000
NRWA470M35V6.3x11F
47
0.12
87
4.2
1,000
NRWA101M35V8x11.5F
100
0.12
150
2.0
1,000
NRWA221M35V10x12.5F
220
0.12
260
0.90
1,000
NRWA331M35V10x16F
330
0.12
350
0.60
1,000
NRWA471M35V10x20F
470
0.12
450
0.42
1,000
NRWA102M35V12.5x25F
1,000
0.12
780
0.20
1,000
NRWA222M35V16x31F
2,200
0.14
1280
0.106
2,000
NRWA332M35V18x35.5F
3,300
0.16
1570
0.081
2,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRWA220M25V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWA220M25V5X11TBF NIC-NRWA220M25V5X11TBF Datasheet
207Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWA220M25V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com