Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSS682M25V18x355F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRSS682M25V18x355F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSS682M25V18x355F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRSS682M25V18x355F Datasheet HTML 1Page - NIC-Components Corp. NRSS682M25V18x355F Datasheet HTML 2Page - NIC-Components Corp. NRSS682M25V18x355F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
PART NUMBERING SYSTEM
Size (D
∅ x L)
Tape and Box*
Series
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
NRSS 101 M 35V 6.3X11 TB F
*see taping specifications for details
Miniature Aluminum Electrolytic Capacitors
NRSS Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRSS100M35V5X11F
10
35
0.14
45
23.2
2,000
NRSS220M35V5X11F
22
0.14
75
10.6
2,000
NRSS330M35V5X11F
33
0.14
90
7.04
2,000
NRSS470M35V5x11F
47
0.14
130
4.94
2,000
NRSS101M35V6.3x11F
100
0.14
210
2.32
2,000
NRSS221M35V8x11.5F
220
0.14
350
1.06
2,000
NRSS331M35V10x12.5F
330
0.14
470
0.70
2,000
NRSS471M35V10x16F
470
0.14
580
0.49
2,000
NRSS102M35V12.5x20F
1,000
0.14
1000
0.23
2,000
NRSS222M35V16x25F
2,200
0.18
1550
0.12
2,000
NRSS332M35V16x31.5F
3,300
0.18
1950
0.090
2,000
NRSS472M35V18x35.5F
4,700
0.20
2400
0.071
2,000
NRSS2R2M50V5X11F
2.2
50
0.12
20
90.5
2,000
NRSS3R3M50V5X11F
3.3
0.12
28
60.3
2,000
NRSS4R7M50V5X11F
4.7
0.12
38
42.3
2,000
NRSS100M50V5X11F
10
0.12
50
19.9
2,000
NRSS220M50V5X11F
22
0.12
90
9.05
2,000
NRSS330M50V5x11F
33
0.12
120
6.03
2,000
NRSS470M50V6.3X11F
47
0.12
135
4.23
2,000
NRSS101M50V8X11.5F
100
0.12
250
1.99
2,000
NRSS221M50V10x12.5F
220
0.12
410
0.90
2,000
NRSS331M50V10x16F
330
0.12
520
0.60
2,000
NRSS471M50V10x20F
470
0.12
650
0.42
2,000
NRSS102M50V12.5x25F
1,000
0.12
1100
0.20
2,000
NRSS222M50V16x31.5F
2,200
0.14
1700
0.11
2,000
NRSS332M50V18x35.5F
3,300
0.16
2200
0.08
2,000
NRSS2R2M63V5X11F
2.2
63
0.10
20
75.4
2,000
NRSS3R3M63V5X11F
3.3
0.10
28
50.3
2,000
NRSS4R7M63V5X11F
4.7
0.10
40
35.3
2,000
NRSS100M63V5X11F
10
0.10
60
16.6
2,000
NRSS220M63V5x11F
22
0.10
100
7.54
2,000
NRSS330M63V6.3X11F
33
0.10
130
5.03
2,000
NRSS470M63V6.3x11F
47
0.10
170
3.53
2,000
NRSS101M63V8x11.5F
100
0.10
290
1.66
2,000
NRSS221M63V10x16F
220
0.10
470
0.75
2,000
NRSS331M63V10x20F
330
0.10
710
0.50
2,000
NRSS471M63V12.5x20F
470
0.10
900
0.35
2,000
NRSS102M63V16x25F
1,000
0.10
1300
0.17
2,000
NRSS2R2M100V5X11F
2.2
100
0.08
30
60.3
2,000
NRSS3R3M100V5X11F
3.3
0.08
40
40.2
2,000
NRSS4R7M100V5X11F
4.7
0.08
50
28.2
2,000
NRSS100M100V6.3x11F
10
0.08
85
13.3
2,000
NRSS220M100V8x11.5F
22
0.08
135
6.03
2,000
NRSS330M100V8x11.5F
33
0.08
180
4.02
2,000
NRSS470M100V10x12.5F
47
0.08
230
2.82
2,000
NRSS101M100V10x20F
100
0.08
370
1.33
2,000
NRSS221M100V12.5x25F
220
0.08
620
0.60
2,000
NRSS331M100V12.5x25F
330
0.08
760
0.40
2,000
NRSS471M100V16x25F
470
0.08
1000
0.28
2,000
Expanded Values


Similar Part No. - NRSS682M25V18x355F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSS682M25V18x35.5F NIC-NRSS682M25V18x35.5F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSS682M25V18x355F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com