Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54SH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BAT54SH
Description  Small Signal Schottky diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAT54SH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAT54SH Datasheet HTML 1Page - Cystech Electonics Corp. BAT54SH Datasheet HTML 2Page - Cystech Electonics Corp. BAT54SH Datasheet HTML 3Page - Cystech Electonics Corp. BAT54SH Datasheet HTML 4Page - Cystech Electonics Corp. BAT54SH Datasheet HTML 5Page - Cystech Electonics Corp. BAT54SH Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C302SH
Issued Date : 2012.08.16
Revised Date :
Page No. : 2/6
BAT54SH
CYStek Product Specification
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
30
V
IF
continuous forward current
-
200
mA
IFRM
repetitive peak forward current
tp≤1s, δ≤0.5
-
300
mA
IFSM
non-repetitive peak forward current
tp<10ms
-
600
mA
Ptot
total power dissipation
Tamb≤25℃
-
400
mW
Tstg
storage temperature
-65
+150
Tj
operating junction temperature range
-65
+125
Tamb
operating ambient temperature range
-65
+125
Characteristics (Ta=25
°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100μA
30
-
V
VF(1)
IF=0.1mA
-
240
mV
VF(2)
IF=1mA
-
320
mV
VF(3)
IF=10mA
-
400
mV
VF(4)
IF=30mA
-
500
mV
Forward Voltage (Note )
VF(5)
IF=100mA
-
800
mV
Reverse Leakage Current (Note )
IR
VR=25V
-
2
μA
Diode Capacitance
CD
VR=1V, f=1MHz
-
10
pF
Reverse Recovery Time
trr
when switched from IF= 10mA
to IR=10mA; RL=100
Ω;
measured at IR=1mA
-
5
ns
Notes
: pulse test, tp=300μs, duty cycle<2%.
Thermal Characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W
Note 1 : Device mounted on a FR-4 PCB


Similar Part No. - BAT54SH

ManufacturerPart #DatasheetDescription
logo
Rohm
BAT54SHM ROHM-BAT54SHM Datasheet
715Kb / 7P
   Schottky Barrier Diode
BAT54SHMFH ROHM-BAT54SHMFH Datasheet
948Kb / 6P
   Schottky Barrier Diode
More results

Similar Description - BAT54SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com