Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX392M050J012 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 380LX392M050J012
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX392M050J012 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 380LX392M050J012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380LX392M050J012 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Catalog Part Number
Catalog Part Number
120 Hz 20 kHz 120 Hz 20 kHz (mm)
120 Hz 20 kHz 120 Hz 20 kHz (mm)
50 Vdc (63 Vdc Surge)
63 Vdc (79 Vdc Surge)
22000
380LX223M050A052
0.025 0.020
7.60
8.70
35 x 50
10000
382L103M063N042
0.028 0.017
6.60
7.20
40 x 40
27000
380L273M050A082
0.013 0.008
9.30
10.10
35 x 80
10000
380LX103MO63A042
0.033 0.025
6.50
7.50
35 x 40
27000
382L273M050N062
0.018 0.009
9.00
9.60
40 x 63
12000
380L123M063A062
0.019 0.010
7.70
8.60
35 x 63
27000
380LX273M050A062
0.018 0.015
8.30
9.60
35 x 63
12000
380LX123M063A052
0.028 0.021
7.20
8.30
35 x 50
27000
382LX273M050N052
0.025 0.020
8.10
9.30
40 x 50
12000
382LX123M063N042
0.035 0.028
7.15
8.22
40 x 40
33000
380LX333M050A082
0.015 0.012
9.20
10.60
35 x 80
15000
380L153M063A072
0.016 0.009
8.50
9.40
35 x 70
33000
382LX333M050N062
0.018 0.014
9.10
10.50
40 x 63
15000
380LX153M063A062
0.028 0.021
7.70
8.90
35 x 63
33000
382LX333M050B052V
0.018 0.014 10.48 12.05
50 x 50
18000
380LX183M063A082
0.023 0.012
9.40
10.80
35 x 80
47000
382LX473M050B062V
0.013 0.010 11.54 13.27
50 x 63
18000
382LX183M063N062
0.028 0.022
9.25
10.60
40 x 63
47000
380LX473M050A102
0.014 0.011 10.27 11.81 35 x 105
27000
382LX273M063N082
0.018 0.015 10.00 11.50
40 x 80
56000
382LX563M050N102
0.012 0.009 11.47 13.19 40 x 105
27000
380LX273M063A102
0.015 0.012 10.38 11.94 35 x 105
56000
382LX563M050B082V
0.012 0.009 12.46 14.33
50 x 80
27000
382LX273M063B052V
0.018 0.015 10.86 12.49
50 x 50
68000
382LX683M050B092V
0.011 0.009 13.17 15.15
50 x 92
33000
382LX333M063N102
0.015 0.012 11.76 13.52 40 x 105
82000
382LX823M050B102V
0.011 0.008 13.87 15.95 50 x 105
33000
382LX333M063B062V
0.017 0.013 11.57 13.42
50 x 63
63 Vdc (79 Vdc Surge)
47000
382LX473M063B082V
0.013 0.010 12.78 14.70
50 x 80
1000
380LX102M063H202
0.380 0.290
1.20
1.40
22 x 20
51000
382LX513M063B092V
0.012 0.010 13.34 15.34
50 x 92
1000
380LX102M063H012
0.332 0.250
1.20
1.40
22 x 25
56000
382LX563M063B102V
0.012 0.009 13.93 16.02 50 x 105
1500
380LX152M063H012
0.221 0.167
1.70
2.00
22 x 25
80 Vdc (100 Vdc Surge)
1500
380LX152M063J202
0.250 0.190
1.30
1.50
25 x 20
680
380LX681M080H202
0.450 0.330
1.00
1.20
22 x 20
2200
380LX222M063H022
0.151 0.114
2.50
2.90
22 x 30
680
380LX681M080H012
0.390 0.295
1.00
1.20
22 x 25
2200
380LX222M063J012
0.151 0.114
2.50
2.90
25 x 25
1000
380LX102M080H012
0.265 0.200
1.50
1.75
22 x 25
2200
380LX222M063K202
0.170 0.130
1.50
1.70
30 x 20
1000
380LX102M080J202
0.300 0.225
1.20
1.40
25 x 20
2700
380LX272M063H032
0.123 0.093
3.70
4.30
22 x 35
1200
380LX122M080H012
0.220 0.170
1.80
2.10
22 x 25
2700
380LX272M063J022
0.123 0.093
3.70
4.30
25 x 30
1500
380LX152M080H022
0.177 0.134
2.30
2.60
22 x 30
3300
380LX332M063H042
0.110 0.080
4.10
4.70
22 x 40
1500
380LX152M080J012
0.177 0.134
2.30
2.60
25 x 25
3300
380LX332M063J022
0.110 0.080
4.10
4.70
25 x 30
1500
380LX152M080K202
0.200 0.150
1.40
1.60
30 x 20
3300
380LX332M063K012
0.110 0.080
4.10
4.70
30 x 25
1800
380LX182M080H032
0.147 0.109
2.50
2.90
22 x 35
3300
380LX332M063A202
0.125 0.095
1.70
2.00
35 x 20
1800
380LX182M080J022
0.147 0.109
2.50
2.90
25 x 30
3900
380LX392M063H452
0.100 0.075
4.40
5.10
22 x 45
2200
380LX222M080H042
0.155 0.117
2.70
3.10
22 x 40
3900
380LX392M063J032
0.100 0.075
4.40
5.10
25 x 35
2200
380LX222M080J022
0.155 0.117
2.70
3.10
25 x 30
3900
380LX392M063K022
0.100 0.075
4.40
5.10
30 x 30
2200
380LX222M080K012
0.155 0.117
2.70
3.10
30 x 25
4700
380LX472M063H052
0.080 0.060
4.90
5.60
22 x 50
2200
380LX222M080A202
0.135 0.100
1.70
2.00
35 x 20
4700
380LX472M063J042
0.080 0.060
4.90
5.60
25 x 40
2700
380LX272M080H452
0.098 0.075
2.80
3.20
22 x 45
4700
380LX472M063K022
0.080 0.060
4.90
5.60
30 x 30
2700
380LX272M080J032
0.098 0.075
2.80
3.20
25 x 35
4700
380LX472M063A012
0.080 0.060
4.90
5.60
35 x 25
2700
380LX272M080K022
0.098 0.075
2.80
3.20
30 x 30
5600
380LX562M063A022
0.070 0.050
5.40
6.20
35 x 30
3300
380LX332M080H052
0.085 0.065
3.20
3.70
22 x 50
5600
380LX562M063J452
0.070 0.050
5.40
6.20
25 x 45
3300
380LX332M080J042
0.085 0.065
3.20
3.70
25 x 40
5600
380LX562M063K032
0.070 0.050
5.40
6.20
30 x 35
3300
380LX332M080K022
0.085 0.065
3.20
3.70
30 x 30
6800
380LX682M063J052
0.060 0.045
5.80
6.70
25 x 50
3900
380LX392M080J452
0.080 0.060
3.60
4.10
25 x 45
6800
380LX682M063K042
0.060 0.045
5.80
6.70
30 x 40
3900
380LX392M080K032
0.080 0.060
3.60
4.10
30 x 35
6800
380LX682M063A022
0.060 0.045
5.80
6.70
35 x 30
4700
380LX472M080J052
0.065 0.050
4.10
4.70
25 x 50
8200
380LX822M063K452
0.067 0.050
6.00
6.90
30 x 45
4700
380LX472M080K042
0.072 0.055
4.10
4.70
30 x 40
8200
380LX822M063A032
0.067 0.050
6.00
6.90
35 x 35
5600
380LX562M080K452
0.055 0.040
4.60
5.20
30 x 45
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 380LX392M050J012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX392M050J012 ETC2-380LX392M050J012 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX392M050J012 CDE-380LX392M050J012 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
380LX392M050J012 CDE-380LX392M050J012 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX392M050J012 CDE-380LX392M050J012 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX392M050J012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com