Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ2FF1A106Z Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECJ2FF1A106Z
Description  Multilayer Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ2FF1A106Z Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECJ2FF1A106Z Datasheet HTML 1Page - Panasonic Semiconductor ECJ2FF1A106Z Datasheet HTML 2Page - Panasonic Semiconductor ECJ2FF1A106Z Datasheet HTML 3Page - Panasonic Semiconductor ECJ2FF1A106Z Datasheet HTML 4Page - Panasonic Semiconductor ECJ2FF1A106Z Datasheet HTML 5Page - Panasonic Semiconductor ECJ2FF1A106Z Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors
(
)
High
Capacitance
TypeÒ10Ó TypeÒ11Ó
TypeÒ12Ó
TypeÒ13Ó
TypeÒ23Ó
Code
Packaging Styles
Quantity (0402) (0603)
(0805)
(1206)
(1210)
T=0.5 T=0.8 T=0.85 T=1.25 T=0.85 T=1.15 T=1.6 T=0.85 T=2.0 T=2.5
E
Paper taping
10,000
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
(Pitch:2mm)
V
Paper taping
Ñ
4,000 4,000
Ñ
4,000
Ñ
Ñ
Ñ
Ñ
Ñ
f180
(Pitch:4mm)
pcs./
F
reel
reel
Ñ
Ñ
Ñ
3,000
Ñ
3,000
Ñ
3,000
Ñ
Ñ
Embossed taping
Y
(Pitch:4mm)
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
2,000
Ñ
2,000
1,000
n Packaging Styles and Standard Packaging Quantity
n Temperature Characteristics
l Class 2 Capacitors
n Rated Voltage
n Nominal Capacitance
n Capacitance Tolerance
Ex.
105
225
106
226
107
Nominal Capacitance
1,000,000 pF
2,200,000 pF
10,000,000 pF
22,000,000 pF
100,000,000 pF
(1 µF)
(2.2 µF)
(10 µF)
(22 µF)
(100 µF)
Code
1H
1E
1C
1A
0J
0G
Rated Voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
DC 4 V
For applicable ÒTemperature CharacteristicsÓ, see the lists of standard products on page 8 to 9.
T : Thickness (mm)
Code
Temp. Char.
Capacitance Change
Measurement
Reference
Temperature Range
Temperature
B
±10 %
Ð25 to 85 ûC
20 ûC
B
X7R
±15 %
Ð55 to 125 ûC
25 ûC
5
X5R
±15 %
Ð55 to 85 ûC
25 ûC
F
F
+30, Ð80 %
Ð25 to 85 ûC
20 ûC
Y5V
+22, Ð82 %
Ð30 to 85 ûC
25 ûC
Class
Temp. Char.
Tol. Code
Capacitance Tolerance
B, X7R, X5R
K
±10 %
2
M
±20 %
F, Y5V
Z
+80, Ð20 %
October 2005


Similar Part No. - ECJ2FF1A106Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECJ2FF1A106Z PANASONICBATTERY-ECJ2FF1A106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Panasonic Semiconductor
ECJ2FF1A106Z PANASONIC-ECJ2FF1A106Z Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ2FF1A106Z PANASONIC-ECJ2FF1A106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ2FF1A106Z PANASONIC-ECJ2FF1A106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ2FF1A106Z PANASONIC-ECJ2FF1A106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results

Similar Description - ECJ2FF1A106Z

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com