Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLC391M420V35X41SF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRLC391M420V35X41SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLC391M420V35X41SF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRLC391M420V35X41SF Datasheet HTML 1Page - NIC-Components Corp. NRLC391M420V35X41SF Datasheet HTML 2Page - NIC-Components Corp. NRLC391M420V35X41SF Datasheet HTML 3Page - NIC-Components Corp. NRLC391M420V35X41SF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Operating Temperature Range
-25 ~ +85°C
Rated Voltage Range
200 ~ 450Vdc
Rated Capacitance Range
68 ~ 2,200
μF
Capacitance Tolerance
±20% (M)
Max. Leakage Current (
μA)
After 5 minutes (20°C)
0.02CV or 3,000
μA
Max. Tan
δ
at 120Hz/20°C
W.V. (Vdc)
200
220
250
400
420
450
Tan
δ max.
0.20
0.20
0.20
0.20
0.20
0.20
Surge Voltage
W.V. (Vdc)
200
220
250
400
420
450
S.V. (Vdc)
250
270
300
450
470
500
Ripple Current Frequency
Correction Factors
Frequency (Hz)
50 (60)
+120
+300
+1K
10K<
-
Multiplier
at 85°C
200 ~ 250Vdc
0.80
1.0
1.15
1.17
1.20
-
400 ~ 450Vdc
0.77
1.00
1.10
1.12
1.15
-
Ripple Current Temperature
Correction Factors
Temperature (°C)
+65
+85
-
Multiplier
1.15
1.0
Low Temperature Stability
(Impedance Ratio)
Temperature (°C)
200
220
250
400
420
450
Z-25°C/+20°C
7
Load Life Test
3,000 hours at +85°C
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
1,000 hours at +85°C
(no load)
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Surge Voltage Test 1,000 Cycles
30 seconds "On" and 5.5 minutes
"Off" @ +15°C ~ +35°C
Capacitance Change
Within ±15% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
Soldering Effect
Solder Bath Temp.: +260 ± 5°C
Pre-heat: 120 ± 2 sec. to +120 ± 2°C
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
Large Can Aluminum Electrolytic Capacitors
NRLC Series
FEATURES
• LONG LIFE AT +85°C (3,000 HOURS)
• HIGH RIPPLE CURRENT
• HIGH DENSITY DESIGN
• SUITABLE FOR SWITCHING POWER SUPPLIES
SPECIFICATIONS
NRLC 221 M 400V 22X45 S F
RoHS compliant
Lead Length (S=4mm)
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Notice for Mounting
The space from the top of the can shall be more than (3mm) from chassis or
other construction materials so that safety vent has room to expand in case
of emergency.
Recommended PC Board Mounting Holes:
Sleeve Color: Black
Can Top Safety Vent
PET Sleeve with Minus
Polarity Marking
D+1
Max.
L
± 2
10
(-)
(+)
MAXIMUM EXPANSION FOR
SAFETY VENT
Approx.
3.0mm
10
± 0.5
∅= 2 ± 0.1
D
∅ ± 0.5
Chassis
PC Board
4.0 ± 0.5
MECHANICAL CHARACTERISTICS:
1. Safety Vent:
The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal
gas pressure is developed by circuit malfunction or mis-use like reverse voltage.
2. Terminal Strength:
Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period
of 30 seconds.
Note: Please note NRLC product series is specifically designed for use in commercial & consumer applications. For mission critical or industrial applications,
NIC recommends our NRLF / NRLM / NRLP / NRLR series products. Please consult NIC product specifications available on www.niccomp.com. If in doubt,
please contact NIC to review your requirements (appreview@niccomp.com)


Similar Part No. - NRLC391M420V35X41SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLC391M420V35X41SF NIC-NRLC391M420V35X41SF Datasheet
316Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLC391M420V35X41SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com