Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX472M050K012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 380LX472M050K012
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX472M050K012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  380LX472M050K012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX472M050K012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Insulated Case Dimensions
Typical Performance Curves
Case
Code
DIAMETER
"D"
LENGTH
"L"
Typical
Weight
Case
Code
DIAMETER
"D"
LENGTH
"L"
Typical
Weight
mm
inches
mm
inches
(grams)
mm
inches
mm
inches
(grams)
H20
22
0.87
20
0.79
14
A20
35
1.38
20
0.79
35
H01
22
0.87
25
0.98
16
A01
35
1.38
25
0.98
42
H02
22
0.87
30
1.18
19
A02
35
1.38
30
1.18
48
H03
22
0.87
35
1.38
22
A03
35
1.38
35
1.38
54
H04
22
0.87
40
1.57
24
A04
35
1.38
40
1.57
62
H45
22
0.87
45
1.77
28
A45
35
1.38
45
1.77
67
H05
22
0.87
50
1.97
31
A05
35
1.38
50
1.97
74
J20
25
0.98
20
0.79
16
A55
35
1.38
55
2.17
80
J01
25
0.98
25
0.98
20
A06
35
1.38
63
2.48
88
J02
25
0.98
30
1.18
24
A07
35
1.38
70
2.76
98
J03
25
0.98
35
1.38
27
A08
35
1.38
80
3.15
112
J04
25
0.98
40
1.57
31
A10
35
1.38
105
4.13
144
J45
25
0.98
45
1.77
35
N04
40
1.57
40
1.57
82
J05
25
0.98
50
1.97
38
N05
40
1.57
50
1.97
105
K20
30
1.18
20
0.79
25
N06
40
1.57
63
2.48
130
K01
30
1.18
25
0.98
30
N08
40
1.57
80
3.15
185
K02
30
1.18
30
1.18
35
N10
40
1.57
105
4.13
265
K03
30
1.18
35
1.38
40
B05
50
1.97
50
1.97
136
K04
30
1.18
40
1.57
44
B06
50
1.97
63
2.48
168
K45
30
1.18
45
1.77
48
B08
50
1.97
80
3.15
239
K05
30
1.18
50
1.97
53
B09
50
1.97
92
3.62
241
B10
50
1.97
105
4.13
325
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
RatedRipple-Current Multiple
Type 380L/LXOperating Life in Kilohoursvs Ripple Current
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC


Similar Part No. - 380LX472M050K012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M050K012 ETC2-380LX472M050K012 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX472M050K012 CDE-380LX472M050K012 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
380LX472M050K012 CDE-380LX472M050K012 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX472M050K012 CDE-380LX472M050K012 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX472M050K012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com