Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR1003A3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BCR1003A3
Description  PNPN Epitaxial Planar SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BCR1003A3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BCR1003A3 Datasheet HTML 1Page - Cystech Electonics Corp. BCR1003A3 Datasheet HTML 2Page - Cystech Electonics Corp. BCR1003A3 Datasheet HTML 3Page - Cystech Electonics Corp. BCR1003A3 Datasheet HTML 4Page - Cystech Electonics Corp. BCR1003A3 Datasheet HTML 5Page - Cystech Electonics Corp. BCR1003A3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C700A3
Issued Date : 2013.09.25
Revised Date
Page No. : 4/6
BCR1003A3
CYStek Product Specification
TO-92 Taping Outline
Millimeters
DIM
Item
Min.
Max.
A
Component body height
4.33
4.83
D
Tape Feed Diameter
3.80
4.20
H2A
H2A
H2
H2
D2
A
H
W
W1
H3
H4
H1
L1
L
P2
P
P1
F1F2
D1
D
T2
T
T1
D1
Lead Diameter
0.36
0.53
D2
Component Body Diameter
4.33
4.83
F1,F2
Component Lead Pitch
2.40
2.90
F1,F2
F1-F2
-
±0.3
H
Height Of Seating Plane
15.50
16.50
H1
Feed Hole Location
8.50
9.50
H2
Front To Rear Deflection
-
1
H2A
Deflection Left Or Right
-
1
H3
Component Height
-
27
H4
Feed Hole To Bottom Of Component
-
21
L
Lead Length After Component Removal
-
11
L1
Lead Wire Enclosure
2.50
-
P
Feed Hole Pitch
12.50
12.90
P1
Center Of Seating Plane Location
5.95
6.75
P2
4 Feed Hole Pitch
50.30
51.30
T
Over All Tape Thickness
-
0.55
T1
Total Taped Package Thickness
-
1.42
T2
Carrier Tape Thickness
0.36
0.68
W
Tape Width
17.50
19.00
W1
Adhesive Tape Width
5.00
7.00
-
20 pcs Pitch
253
255


Similar Part No. - BCR1003A3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BCR1002A3 CYSTEKEC-BCR1002A3 Datasheet
254Kb / 6P
   PNPN Epitaxial Planar SCR
BCR1002N3 CYSTEKEC-BCR1002N3 Datasheet
274Kb / 7P
   PNPN Epitaxial Planar SCR
More results

Similar Description - BCR1003A3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BCR1002N3 CYSTEKEC-BCR1002N3 Datasheet
274Kb / 7P
   PNPN Epitaxial Planar SCR
BCR1002A3 CYSTEKEC-BCR1002A3 Datasheet
254Kb / 6P
   PNPN Epitaxial Planar SCR
logo
First Silicon Co., Ltd
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
   Silicon Planar PNPN Thyristor (16A SCR)
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
   Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
C106DB FS-C106DB Datasheet
511Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
CP10C60 FS-CP10C60 Datasheet
316Kb / 2P
   Silicon Planar PNPN Thyristor (12A SCR)
C106B FS-C106B Datasheet
516Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
C106M-Z FS-C106M-Z Datasheet
558Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
TYN610 FS-TYN610 Datasheet
239Kb / 2P
   Silicon Planar PNPN Thyristor (10A SCR)
MCR703A FS-MCR703A Datasheet
550Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
2022. 03. 29 Revision No : 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com