Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWS220M50V5x11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRWS220M50V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWS220M50V5x11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRWS220M50V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRWS220M50V5x11F Datasheet HTML 2Page - NIC-Components Corp. NRWS220M50V5x11F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, NEW FURTHER REDUCED CASE SIZING,
FROM NRWA WIDE TEMPERATURE RANGE
NRWS Series
CHARACTERISTICS
Note: Capacitors shall conform to JIS-C-5141, unless otherwise specified here.
*1. Add 0.5 every 1000
μF for more than 1000μF *2. Add 1.0 every 1000μF for more than 1000μF
EXTENDED TEMPERATURE
NRWA
NRWS
(today’s standard)
(reduced sizes)
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
2.2 ~ 15,000
μF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ +20°c
After 1 min.
0.03CV or 4
μA whichever is greater
After 2 min.
0.01CV or 3
μA whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000
μF
0.28
0.24
0.20
0.16
0.14
0.12
0.10
0.08
C = 2,200
μF
0.30
0.26
0.22
0.18
0.16
0.14
-
-
C = 3,300
μF
0.32
0.28
0.24
0.20
0.18
0.16
-
-
C = 4,700
μF
0.34
0.30
0.26
0.22
0.20
-
-
-
C = 6,800
μF
0.36
0.32
0.28
0.24
----
C = 10,000
μF
0.38
0.34
0.30
-----
C = 15,000
μF
0.56
0.52
------
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
54322222
Z-40°C/Z+20°C
12
10
854444
Load Life Test at +105°C & Rated W.V
2,000 Hours: 16V ~ 100V D> 10
φ
1,000 Hours: All others
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
Shelf Life Test
+105°C 1,000 Hours
No Load
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
LEAD SPACING AND DIAMETER (mm)
Cap. (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
2.2
2R2
-
-
-
-
-
5x11
5x11
-
3.3
3R3
-
-
-
-
-
5x11
5x11
-
4.7
4R7
-
-
-
-
-
5x11
5x11
-
10
100
-
-
-
-
-
5x11
5x11
-
22
220
-
-
-
-
-
5x11
5x11
8x11.5
33
330
-
-
-
-
5x11
5x11
6.3x11
8x12.5
47
470
-
-
-
5x11
5x11
6.3x11
6.3x11
10x12.5
100
101
-
5x11
5x11
6.3x11
6.3x11
8x11.5
8x12.5
10x20
220
221
5x11
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
12.5x25
330
331
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
10x20
16x25
470
471
6.3x11
6.3x11
8x11.5
10x12.5
10x16
10x20
12.5x20
16x31
1,000
102
8x11.5
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
-
2,200
222
10x16
10x20
12.5x20
12.5x25
16x25
16x31
-
-
3,300
332
10x20
12.5x20
12.5x25
16x25
16x35
18x36
-
-
4,700
472
12.5x20
12.5x25
16x25
16x31
18x36
-
-
-
6,800
682
12.5x25
16x25
16x31
18x36
-
-
-
-
10,000
103
16x25
16x31
18x36
-
-
-
-
-
15,000
153
16x36
18x36
-
-
-
-
-
-
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
Lead Dia. (D
φ)
0.5 0.5 0.6 0.6 0.6 0.8 0.8
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5
Dim.
α
0.5 0.5 0.5 0.5 0.5 0.5 0.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
*See Part Number System for Details
P
N
bS
fD
il
RoHS
Compliant
includes all homogeneous materials
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data


Similar Part No. - NRWS220M50V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWS220M50V10X12.5F NIC-NRWS220M50V10X12.5F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWS220M50V10X20F NIC-NRWS220M50V10X20F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWS220M50V12.5X20F NIC-NRWS220M50V12.5X20F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWS220M50V16X25F NIC-NRWS220M50V16X25F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWS220M50V16X36F NIC-NRWS220M50V16X36F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWS220M50V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com