Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ3YB1C106 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECJ3YB1C106
Description  Multilayer Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ3YB1C106 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECJ3YB1C106 Datasheet HTML 1Page - Panasonic Semiconductor ECJ3YB1C106 Datasheet HTML 2Page - Panasonic Semiconductor ECJ3YB1C106 Datasheet HTML 3Page - Panasonic Semiconductor ECJ3YB1C106 Datasheet HTML 4Page - Panasonic Semiconductor ECJ3YB1C106 Datasheet HTML 5Page - Panasonic Semiconductor ECJ3YB1C106 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors
(
)
High
Capacitance
Resistance
to Solder
Heat
Temperature
Cycle
Damp Heat
(steady
state)
Appearance:no mechanical damage
Capacitance change:
Temp. Char. B, X7R, X5R: within ±7.5 %
F, Y5V: within ±20 %
tand initial value
IR:initial value
With-stand voltage:no dielectric breakdown or damage
Solder bath method
Preconditioning:
Heat treatment (150ûC, 1h)
Solder temperature:270±5ûC
Dipping period:3.0±0.5 s
Preheat condition:
Temp.
TypeÒ10Ó,Ò11Ó,Ò12Ó TypeÒ13Ó,Ò23Ó
180 to 100 ûC 120 to 180s
300 to 360s
150 to 200 ûC
120 to 180s
300 to 360s
Recovery(Standard condition):48 ± 4h
Appearance:no mechanical damage
Capacitance change:
Temp. Char. B, X7R, X5R: within ±7.5 %
F, Y5V: within ±20 %
tand initial value
IR:initial value
With-stand voltage: no dielectric breakdown or damage
Preconditioning:
Heat treatment (150ûC,1h)
Step 1:Minimum operation temp. 30±3 min.
Step 2:Room temp. 3 min.
Step 3:Maximum operation temp. 30±3 min.
Step 4:Room temp. 3 min.
Number of cycles:5 cycles
Recovery(Standard condition):48 ± 4h
Preconditioning:
Heat treatment (150ûC,1h)
Temperature:40±2ûC
Relative humidity:90 to 95 %
Test period:500+24/0 h
Recovery(Standard condition):48 ± 4h
Test Method
Item
Specification
Appearance:no mechanical damage
Capacitance change:
Temp. Char. B, X7R, X5R: within ±12.5 %
F, Y5V: within ±30 %
Note:ECJ0EB0J1051(0402/X5R/6.3V/1.0µF)
ECJ1VB0J4751(0603/X5R/6.3V/4.7µF)
ECJ1VB0G106M(0603/X5R/4V/10µF)
within ±20 %
tand 0.3 max.
Please confirmation to the technical reports for details.
IR:50/C (MW) min.
Note:DC10V, DC6.3V;10/C (MW)min.(C:Nominal cap. in µF)
Note 1) Heat treatment:1 h of heat treatment at 150+0/Ð10ûC followed by 48±4 h recovery under the standead condition.
Note 2) Voltage treatment:1 h of voltage treatment under the specified temperature and voltage for testing followed by 48 ±4 h of recovery under
the standead condition.
Loading
Under
Damp
Heat
Loading at
High
Temperature
Appearance:no mechanical damage
Capacitance change:
Temp. Char. B, X7R, X5R: within ±12.5 %
F, Y5V: within ±30 %
Note:ECJ0EB0J1051(0402/X5R/6.3V/1.0µF)
ECJ1VB0J4751(0603/X5R/6.3V/4.7µF)
ECJ1VB0G106M(0603/X5R/4V/10µF)
within ±20 %
tand 0.3 max.
Please confirmation to the technical reports for details.
IR:25/C (MW) min.
Note:DC10V, DC6.3V;5/C (MW)min.(C:Nominal cap. in µF)
Preconditioning:
Voltage treatment
Temperature:40±2ûC
Relative humidity:90 to 95 %
Applied voltage:Rated voltage
Test period:500+24/0 h
Recovery(Standard condition):48 ± 4h
Preconditioning:
Voltage treatment
Temperature:
Maximum operation temp. ±3ûC
Applied voltage:1Rated voltage´200%
2Rated voltage´150%
3Rated voltage´100%
Please confirmation to the technical
reports for details.
Charge/discharge current: within 50mA
Test period:1000+48/0 h
Recovery(Standard condition):48 ± 4h
Appearance:no mechanical damage
Capacitance change:
Temp. Char. B, X7R, X5R: within ±12.5 %
F, Y5V: within ±30 %
Note:ECJ0EB0J1051(0402/X5R/6.3V/1.0µF)
ECJ1VB0J4751(0603/X5R/6.3V/4.7µF)
ECJ1VB0G106M(0603/X5R/4V/10µF)
within ±20 %
tand 0.3 max.
Please confirmation to the technical reports for details.
IR:50/C (MW) min.
Note:DC10V, DC6.3V;10/C (MW)min.(C:Nominal cap. in µF)
October 2005


Similar Part No. - ECJ3YB1C106

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ3YB1C106 PANASONIC-ECJ3YB1C106 Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ3YB1C106 PANASONIC-ECJ3YB1C106 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ3YB1C106 PANASONIC-ECJ3YB1C106 Datasheet
677Kb / 6P
   Multilayer Ceramic Chip Capacitors (High Capacitance)
ECJ3YB1C106 PANASONIC-ECJ3YB1C106 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ3YB1C106 PANASONIC-ECJ3YB1C106 Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results

Similar Description - ECJ3YB1C106

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com