Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWS222M50V16x31F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRWS222M50V16x31F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWS222M50V16x31F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRWS222M50V16x31F Datasheet HTML 1Page - NIC-Components Corp. NRWS222M50V16x31F Datasheet HTML 2Page - NIC-Components Corp. NRWS222M50V16x31F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RIPPLE CURRENT CORRECTION FACTORS
Cap. (
μF)
Frequency (Hz)
100
1K
10K ~
~ 47
0.50
0.80
1.0
> 47 ~ 220
0.55
0.85
1.0
> 220 ~ 1,000
0.65
0.90
1.0
> 1,000
0.75
0.90
1.0
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. Impedance (
Ω)
+20°C/100KHz
Load Life Hours
@+105°C
NRWS330M50V5x11F
33
50
0.12
120
2.10
1,000
NRWS470M50V6.3x11F
47
0.12
180
1.10
1,000
NRWS101M50V8x11.5F
100
0.12
310
0.55
1,000
NRWS221M50V10x12.5F
220
0.12
500
0.30
2,000
NRWS331M50V10x16F
330
0.12
650
0.20
2,000
NRWS471M50V10x20F
470
0.12
800
0.13
2,000
NRWS102M50V12.5x25F
1,000
0.12
1100
0.10
2,000
NRWS222M50V16x31F
2,200
0.14
1650
0.055
2,000
NRWS332M50V18x36F
3,300
0.16
2000
0.035
2,000
NRWS2R2M63V5x11F
2.2
63
0.10
42
8.3
1,000
NRWS3R3M63V5x11F
3.3
0.10
58
6.0
1,000
NRWS4R7M63V5x11F
4.7
0.10
64
4.20
1,000
NRWS100M63V5x11F
10
0.10
90
2.80
1,000
NRWS220M63V5x11F
22
0.10
140
2.40
1,000
NRWS330M63V6.3x11F
33
0.10
200
1.40
1,000
NRWS470M63V6.3x11F
47
0.10
240
1.30
1,000
NRWS101M63V8x12.5F
100
0.10
300
0.60
1,000
NRWS221M63V10x16F
220
0.10
520
0.22
2,000
NRWS331M63V10x20F
330
0.10
765
0.17
2,000
NRWS471M63V12.5x20F
470
0.10
960
0.14
2,000
NRWS102M63V16x25F
1,000
0.10
1100
0.065
2,000
NRWS220M100V8x11.5F
22
100
0.08
235
0.83
1,000
NRWS330M100V8x12.5F
33
0.08
300
0.60
1,000
NRWS470M100V10x12.5F
47
0.08
330
0.39
2,000
NRWS101M100V10x20F
100
0.08
450
0.24
2,000
NRWS221M100V12.5x25F
220
0.08
700
0.15
2,000
NRWS331M100V16x25F
330
0.08
950
0.09
2,000
NRWS471M100V16x31F
470
0.08
1100
0.085
2,000
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Miniature Aluminum Electrolytic Capacitors
NRWS Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
For Automotive Applications see part number system
PART NUMBER SYSTEM
NRWS 101 M 35V 6.3X11 TB Y F .
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see taping specifications for details
Optional: For automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRWS222M50V16x31F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWS222M50V16X36F NIC-NRWS222M50V16X36F Datasheet
214Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWS222M50V16x31F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com