Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWP3R3M50V5X11F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRWP3R3M50V5X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWP3R3M50V5X11F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRWP3R3M50V5X11F Datasheet HTML 1Page - NIC-Components Corp. NRWP3R3M50V5X11F Datasheet HTML 2Page - NIC-Components Corp. NRWP3R3M50V5X11F Datasheet HTML 3Page - NIC-Components Corp. NRWP3R3M50V5X11F Datasheet HTML 4Page - NIC-Components Corp. NRWP3R3M50V5X11F Datasheet HTML 5Page - NIC-Components Corp. NRWP3R3M50V5X11F Datasheet HTML 6Page - NIC-Components Corp. NRWP3R3M50V5X11F Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRWP3R3M200V6.3X11F
3.3
200
0.20
36
100.53
1,000
NRWP4R7M200V6.3X11F
4.7
0.20
40
70.58
1,000
NRWP100M200V8X11.5F
10
0.20
57
33.17
1,000
NRWP220M200V10X16F
22
0.20
105
15.08
2,000
NRWP330M200V10X20F
33
0.20
140
10.05
2,000
NRWP470M200V10X20F
47
0.20
195
7.06
2,000
NRWP101M200V16X25F
100
0.20
340
3.32
2,000
NRWP221M200V16X35.5F
220
0.20
580
1.51
2,000
NRWP331M200V18X40F
330
0.20
675
1.01
2,000
NRWPR47M250V6.3X11F
0.47
250
0.20
8
705.83
1,000
NRWP1R0M250V6.3X11F
1.0
0.20
16
331.74
1,000
NRWP2R2M250V6.3X11F
2.2
0.20
30
150.79
1,000
NRWP3R3M250V6.3X11F
3.3
0.20
30
100.53
1,000
NRWP4R7M250V8X11.5F
4.7
0.20
45
70.58
2,000
NRWP100M250V10X12.5F
10
0.20
90
33.17
2,000
NRWP220M250V10X16F
22
0.20
105
15.08
2,000
NRWP330M250V10X20F
33
0.20
140
10.05
2,000
NRWP470M250V12.5X20F
47
0.20
190
7.06
2,000
NRWP101M250V16X25F
100
0.20
310
3.32
2,000
NRWP221M250V18X35.5F
220
0.20
485
1.51
2,000
NRWPR47M350V6.3X11F
0.47
350
0.20
8
705.83
1,000
NRWP1R0M350V6.3X11F
1.0
0.20
16
331.74
1,000
NRWP2R2M350V6.3X11F
2.2
0.20
25
150.79
1,000
NRWP3R3M350V8X11.5F
3.3
0.20
30
100.53
1,000
NRWP4R7M350V8X11.5F
4.7
0.20
45
70.58
1,000
NRWP100M350V10X16F
10
0.20
95
33.17
2,000
NRWP220M350V12.5X20F
22
0.20
175
15.08
2,000
NRWP330M350V12.5X25F
33
0.20
220
10.05
2,000
NRWP470M350V16X25F
47
0.20
260
7.06
2,000
NRWP101M350V18X31.5F
100
0.20
370
3.32
2,000
NRWP1R0M400V6.3X11F
1.0
400
0.25
16
414.68
1,000
NRWP2R2M400V8X11.5F
2.2
0.25
31
188.49
1,000
NRWP3R3M400V8X11.5F
3.3
0.25
34
125.66
1,000
NRWP4R7M400V10X12.5F
4.7
0.25
42
88.23
2,000
NRWP100M400V10X16F
10
0.25
64
41.47
2,000
NRWP220M400V12.5X20F
22
0.25
140
18.85
2,000
NRWP330M400V16X25F
33
0.25
170
12.57
2,000
NRWP470M400V16X25F
47
0.25
200
8.82
2,000
NRWP101M400V18X35.5F
100
0.25
310
4.15
2,000
NRWP1R0M450V6.3X11F
1.0
450
0.25
15
414.68
1,000
NRWP2R2M450V8X11.5F
2.2
0.25
20
188.49
1,000
NRWP3R3M450V10X12.5F
3.3
0.25
33
125.66
2,000
NRWP4R7M450V10X12.5F
4.7
0.25
35
88.23
2,000
NRWP100M450V10X20F
10
0.25
37
41.47
2,000
NRWP220M450V12.5X25F
22
0.25
100
18.85
2,000
NRWP330M450V16X25F
33
0.25
125
12.57
2,000
NRWP470M450V16X31.5F
47
0.25
155
8.82
2,000
NRWP101M450V18X40F
100
0.25
200
4.15
2,000
Miniature Aluminum Electrolytic Capacitors
NRWP Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
Cap. (
μF)
60Hz
120Hz
500Hz
1KHz
10KHz ~ up
0.47 ~ 1.0
0.50
1.00
1.20
1.30
1.50
2.2 ~ 4.7
0.65
1.00
1.20
1.30
1.50
10 ~ 47
0.80
1.00
1.20
1.30
1.50
100 ~ 1,000
0.80
1.00
1.10
1.15
1.20
2,200 ~ 33,000
0.80
1.00
1.05
1.10
1.15
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Represents New Value


Similar Part No. - NRWP3R3M50V5X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWP330M100V10X12.5F NIC-NRWP330M100V10X12.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP330M100V10X20F NIC-NRWP330M100V10X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP330M100V12.5X20F NIC-NRWP330M100V12.5X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP330M100V16X25F NIC-NRWP330M100V16X25F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP330M100V16X31.5F NIC-NRWP330M100V16X31.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWP3R3M50V5X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com