Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLRW183M35V30X45SF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NRLRW183M35V30X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW183M35V30X45SF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NRLRW183M35V30X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 9Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 10Page - NIC-Components Corp. NRLRW183M35V30X45SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW391M315V25X45SF
390
315
25x45
0.638
0.491
1.40
1.96
NRLRW391M315V30X35SF
30x35
0.638
0.491
1.47
2.05
NRLRW391M315V35X30SF
35x30
0.638
0.491
1.47
2.05
NRLRW471M315V30X40SF
470
30x40
0.530
0.408
1.70
2.38
NRLRW471M315V35X30SF
35x30
0.530
0.408
1.70
2.38
NRLRW561M315V30X45SF
560
30x45
0.445
0.342
2.05
2.87
NRLRW561M315V35X35SF
35x35
0.445
0.342
1.90
2.66
NRLRW681M315V30X50SF
680
30x50
0.366
0.282
2.14
2.99
NRLRW681M315V35X40SF
35x40
0.366
0.282
2.17
3.03
NRLRW821M315V35X45SF
820
35x45
0.304
0.234
2.20
3.08
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLRW680M350V20X25SF
68
350
20x25
3.658
2.814
0.47
0.65
NRLRW820M350V20X30SF
82
20x30
3.033
2.333
0.55
0.77
NRLRW101M350V20X30SF
100
20x30
2.487
1.913
0.60
0.84
NRLRW101M350V22X25SF
22x25
2.487
1.913
0.69
0.96
NRLRW121M350V20X35SF
120
20x35
2.073
1.595
0.70
0.98
NRLRW121M350V22X30SF
22x30
2.073
1.595
0.75
1.05
NRLRW121M350V25X25SF
25x25
2.073
1.595
0.75
1.05
NRLRW151M350V20X40SF
150
20x40
1.658
1.276
0.78
1.09
NRLRW151M350V22X35SF
22x35
1.658
1.276
0.82
1.14
NRLRW151M350V25X30SF
25x30
1.658
1.276
0.83
1.16
NRLRW181M350V20X45SF
180
20x45
1.382
1.063
0.88
1.23
NRLRW181M350V22X40SF
22x40
1.382
1.063
0.92
1.28
NRLRW181M350V25X30SF
25x30
1.382
1.063
0.92
1.28
NRLRW181M350V30X25SF
30x25
1.382
1.063
0.92
1.28
NRLRW221M350V22X45SF
220
22x45
1.131
0.870
1.05
1.47
NRLRW221M350V25X35SF
25x35
1.131
0.870
1.05
1.47
NRLRW221M350V30X30SF
30x30
1.131
0.870
1.02
1.42
NRLRW271M350V22X50SF
270
22x50
0.922
0.709
1.18
1.65
NRLRW271M350V25X40SF
25x40
0.922
0.709
1.18
1.65
NRLRW271M350V30X30SF
30x30
0.922
0.709
1.18
1.65
NRLRW271M350V35X25SF
35x25
0.922
0.709
1.20
1.68
NRLRW331M350V25X45SF
330
25x45
0.754
0.580
1.30
1.82
NRLRW331M350V30X35SF
30x35
0.754
0.580
1.35
1.89
NRLRW331M350V35X30SF
35x30
0.754
0.580
1.22
1.70
NRLRW391M350V25X50SF
390
25x50
0.638
0.491
1.45
2.03
NRLRW391M350V30X40SF
30x40
0.638
0.491
1.52
2.12
NRLRW391M350V35X35SF
35x35
0.638
0.491
1.48
2.07
NRLRW471M350V30X45SF
470
30x45
0.530
0.408
1.65
2.31
NRLRW471M350V35X35SF
35x35
0.530
0.408
1.70
2.38
NRLRW561M350V30X50SF
560
30x50
0.445
0.342
1.85
2.59
NRLRW561M350V35X40SF
35x40
0.445
0.342
1.90
2.66
NRLRW681M350V35X45SF
680
35x45
0.366
0.282
2.00
2.80
NRLRW560M385V20X25SF
56
385
20x25
4.441
3.416
0.42
0.58
NRLRW680M385V20X30SF
68
20x30
3.658
2.814
0.47
0.65
NRLRW680M385V22X25SF
22x25
3.658
2.814
0.49
0.68
NRLRW820M385V20X30SF
82
20x30
3.033
2.333
0.52
0.72
NRLRW820M385V22X25SF
22x25
3.033
2.333
0.55
0.77
NRLRW101M385V20X35SF
100
20x35
2.487
1.913
0.60
0.84
NRLRW101M385V22X30SF
22x30
2.487
1.913
0.66
0.92
NRLRW101M385V25X25SF
25x25
2.487
1.913
0.66
0.92
NRLRW121M385V20X40SF
120
20x40
2.073
1.595
0.68
0.95
NRLRW121M385V22X35SF
22x35
2.073
1.595
0.71
0.99
NRLRW121M385V25X25SF
25x25
2.073
1.595
0.71
0.99
NRLRW151M385V22X40SF
150
22x40
1.658
1.276
0.83
1.16
NRLRW151M385V25X30SF
25x30
1.658
1.276
0.83
1.16
NRLRW151M385V30X25SF
30x25
1.658
1.276
0.77
1.07
385Vdc continued on next page


Similar Part No. - NRLRW183M35V30X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW183M35V35X30F NIC-NRLRW183M35V35X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW183M35V30X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com