Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSG100M50V5X7F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRSG100M50V5X7F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG100M50V5X7F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRSG100M50V5X7F Datasheet HTML 1Page - NIC-Components Corp. NRSG100M50V5X7F Datasheet HTML 2Page - NIC-Components Corp. NRSG100M50V5X7F Datasheet HTML 3Page - NIC-Components Corp. NRSG100M50V5X7F Datasheet HTML 4Page - NIC-Components Corp. NRSG100M50V5X7F Datasheet HTML 5Page - NIC-Components Corp. NRSG100M50V5X7F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRSG Series
Miniature Aluminum Electrolytic Capacitors
Part Number
Cap
(
μF)
W.V
(Vdc)
Max.
Tan
δ
Max. Z (m
Ω)
100KHz & 20°C
Max. Ripple Current
(mA) 100KHz & 105°C
Load Life Hours
@ +105°C
NRSG150M63V5x11F
15
63
0.09
880
165
2000
NRSG330M63V6.3x11F
33
0.09
350
265
2000
NRSG560M63V8x11.5F
56
0.09
220
500
3000
NRSG820M63V8x16F
82
0.09
160
665
3000
NRSG820M63V10x12.5F
0.09
150
685
4000
NRSG121M63V8x20F
120
0.09
120
820
3000
NRSG121M63V10x16F
0.09
110
945
4000
NRSG181M63V10x20F
180
0.09
80
1100
4000
NRSG181M63V12.5x16F
0.09
82
1135
5000
NRSG221M63V10x23F
220
0.09
73
1300
4000
NRSG271M63V12.5x20F
270
0.09
60
1495
5000
NRSG331M63V12.5x25F
330
0.09
43
1850
5000
NRSG471M63V12.5x30F
470
0.09
39
2250
5000
NRSG471M63V16x20F
0.09
45
1990
5000
NRSG561M63V12.5x35F
560
0.09
33
2450
5000
NRSG561M63V16x25F
0.09
32
2550
5000
NRSG681M63V12.5x40F
680
0.09
29
2780
5000
NRSG681M63V18x20F
0.09
38
2450
5000
NRSG821M63V16x31.5F
820
0.09
26
2810
5000
NRSG821M63V18x25F
0.09
31
2780
5000
NRSG102M63V16x35.5F
1000
0.09
21
2835
5000
NRSG102M63V18x31.5F
0.09
25
3270
5000
NRSG122M63V16x40F
1200
0.09
19
3340
5000
NRSG122M63V18x35.5F
0.09
20
3310
5000
NRSG152M63V18x40F
1500
0.09
18
3420
5000
NRSG6R8M100V5x11F
6.8
100
0.08
1400
125
2000
NRSG150M100V6.3x11F
15
0.08
570
205
2000
NRSG270M100V8x11.5F
27
0.08
360
355
3000
NRSG390M100V8x16F
39
0.08
250
450
3000
NRSG470M100V10x12.5F
47
0.08
240
450
4000
NRSG560M100V8x20F
56
0.08
190
565
3000
NRSG680M100V10x16F
68
0.08
180
580
4000
NRSG820M100V10x20F
82
0.08
130
750
4000
NRSG820M100V12.5x16F
0.08
130
735
5000
NRSG101M100V10x23F
100
0.08
120
880
4000
NRSG121M100V12.5x20F
120
0.08
94
1045
5000
NRSG181M100V12.5x25F
180
0.08
71
1195
5000
NRSG221M100V12.5x30F
220
0.08
63
1410
5000
NRSG221M100V16x20F
0.08
71
1295
5000
NRSG271M100V12.5x35F
270
0.08
52
1560
5000
NRSG271M100V16x25F
0.08
53
1600
5000
NRSG271M100V18x20F
0.08
69
1470
5000
NRSG331M100V12.5x40F
330
0.08
46
1700
5000
NRSG391M100V16x31.5F
390
0.08
41
1750
5000
NRSG391M100V18x25F
0.08
49
1620
5000
NRSG471M100V16x35.5F
470
0.08
33
1890
5000
NRSG471M100V18x31.5F
0.08
39
1775
5000
NRSG561M100V16x40F
560
0.08
30
2080
5000
NRSG561M100V18x35.5F
0.08
31
2060
5000
NRSG681M100V18x40F
680
0.08
28
2570
5000
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS D
φ x L (mm)
Frequency (Hz)
120
1K
10K
<100K
5.6 ~ 33
μF
0.42
0.70
0.90
1.00
39 ~ 270
μF
0.50
0.73
0.92
1.00
330 ~ 680
μF
0.55
0.77
0.94
1.00
820 ~ 1800
μF
0.60
0.80
0.96
1.00
2200 ~ 82000
μF
0.70
0.85
0.98
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR


Similar Part No. - NRSG100M50V5X7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG101M100V10X12.5TRF NIC-NRSG101M100V10X12.5TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG101M100V10X16TRF NIC-NRSG101M100V10X16TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG101M100V10X20TRF NIC-NRSG101M100V10X20TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG101M100V12.5X20TRF NIC-NRSG101M100V12.5X20TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG101M100V16X21TRF NIC-NRSG101M100V16X21TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSG100M50V5X7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com