Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W42C31 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W42C31
Description  Spread Spectrum Frequency Timing Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W42C31 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W42C31 Datasheet HTML 1Page - Cypress Semiconductor W42C31 Datasheet HTML 2Page - Cypress Semiconductor W42C31 Datasheet HTML 3Page - Cypress Semiconductor W42C31 Datasheet HTML 4Page - Cypress Semiconductor W42C31 Datasheet HTML 5Page - Cypress Semiconductor W42C31 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
W42C31-06
2
Functional Description
The W42C31-06 uses a phase-locked loop (PLL) to frequency
modulate an input clock. The result is an output clock whose
frequency is slowly swept over a narrow band near the input
signal. The basic circuit topology is shown in Figure 1. An
on-chip crystal driver causes the crystal to oscillate at its fun-
damental. The resulting reference signal is divided by Q and
fed to the phase detector. A signal from the VCO is divided by
P and fed back to the phase detector also. The PLL will force
the frequency of the VCO output signal to change until the
divided output signal and the divided reference signal match
at the phase detector input. The output frequency is then equal
to the ratio of P/Q times the reference frequency. The unique
feature of the Spread Spectrum Clock Generator is that a mod-
ulating waveform is superimposed at the input to the VCO.
This causes the VCO output to be slowly swept across a pre-
determined frequency band.
Because the modulating frequency is typically 1000 times
slower than the fundamental clock, the spread spectrum pro-
cess has little impact on system performance.
Frequency Selection With SSFTG
In Spread Spectrum Frequency Timing Generation, EMI re-
duction depends on the shape, modulation percentage, and
frequency of the modulating waveform. While the shape and
frequency of the modulating waveform are fixed, the modula-
tion percentage may be varied.
Using the frequency select bit (FS0), the spreading percent-
age can be chosen (see Table 1).
A larger spreading percentage improves EMI reduction. How-
ever, large spread percentages may either exceed system
maximum frequency ratings or lower the average frequency to
a point where performance is affected. For these reasons,
spreading percentages between ±0.5% and ±2.5% are most
common.
The W42C31 features the ability to select from various spread
spectrum
characteristics.
Selections
specific
to
the
W42C31-06 are shown in Table 1. Other spreading character-
istics are available (see separate data sheets) or can be cre-
ated with a custom mask.
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CLKOUT
5
O
Output Modulated Frequency: Frequency modulated copy of the unmodulated input
clock (multiplier of 3).
X1
1
I
Crystal Connection or External Reference Frequency Input: This pin has dual
functions. It may either be connected to an external crystal, or to an external reference
clock.
X2
2
I
Crystal Connection: If using an external reference, this pin must be left unconnected.
SSON#
8
I
Spread Spectrum (Active LOW): Pulling this input signal HIGH turns the internal
modulating waveform off. This pin has an internal pull-down resistor.
FS0
4
I
Frequency Selection Bit 0: This pin selects the frequency spreading
characteristics. Refer to Table 1. This pin has an internal pull-up resistor.
NC
7
NC
No Connect: This pin must be left unconnected.
VDD
6
P
Power Connection: Connected to 5V power supply.
GND
3
G
Ground Connection: This should be connected to the common ground plane.
Figure 1. System Block Diagram
XTAL
Freq.
Phase
Modulating
VCO
Post
CLKOUT
Detector
Charge
Pump
Waveform
Dividers
Divider
Feedback
Divider
PLL
GND
VDD
X1
X2
Crystal load
capacitors
as needed
Σ
Q
P


Similar Part No. - W42C31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
More results

Similar Description - W42C31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
   Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com