Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-HL102M63V18x315F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRE-HL102M63V18x315F
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-HL102M63V18x315F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRE-HL102M63V18x315F Datasheet HTML 1Page - NIC-Components Corp. NRE-HL102M63V18x315F Datasheet HTML 2Page - NIC-Components Corp. NRE-HL102M63V18x315F Datasheet HTML 3Page - NIC-Components Corp. NRE-HL102M63V18x315F Datasheet HTML 4Page - NIC-Components Corp. NRE-HL102M63V18x315F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Aluminum Electrolytic Capacitors
NRE-HL Series
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Max.
Tan
δ
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
Load Life Hours
@ +105°C
100KHz/20°C
100KHz/-10°C
NRE-HL150M63V5x11F
15
63V
0.09
1.8
7.3
62
5,000
NRE-HL330M63V6.3x11F
33
0.09
1.0
4.1
126
5,000
NRE-HL560M63V8x11.5F
56
0.09
0.50
2.2
260
7,000
NRE-HL820M63V8x16F
82
0.09
0.36
1.7
335
7,000
NRE-HL820M63V10x12.5F
82
0.09
0.34
1.4
325
7,000
NRE-HL121M63V8x20F
120
0.09
0.26
1.3
408
7,000
NRE-HL121M63V10x16F
120
0.09
0.25
1.2
400
7,000
NRE-HL181M63V10x20F
180
0.09
0.17
0.76
518
7,000
NRE-HL181M63V12.5x16F
180
0.09
0.18
0.86
527
10,000
NRE-HL221M63V10x23F
220
0.09
0.16
0.67
595
7,000
NRE-HL271M63V10x28F
270
0.09
0.12
0.57
740
7,000
NRE-HL271M63V12.5x20F
270
0.09
0.13
0.52
765
10,000
NRE-HL271M63V16x16F
270
0.09
0.11
0.52
895
10,000
NRE-HL331M63V12.5x25F
330
0.09
0.096
0.36
875
10,000
NRE-HL391M63V18x16F
390
0.09
0.096
0.40
1030
10,000
NRE-HL471M63V12.5x30F
470
0.09
0.080
0.34
1010
10,000
NRE-HL471M63V16x20F
470
0.09
0.077
0.32
1130
10,000
NRE-HL561M63V12.5x35F
560
0.09
0.070
0.30
1140
10,000
NRE-HL561M63V16x25F
560
0.09
0.062
0.23
1350
10,000
NRE-HL681M63V12.5x40F
680
0.09
0.060
0.25
1280
10,000
NRE-HL681M63V18x20F
680
0.09
0.072
0.27
1300
10,000
NRE-HL821M63V16x31.5F
820
0.09
0.049
0.18
1650
10,000
NRE-HL821M63V18x25F
820
0.09
0.052
0.19
1560
10,000
NRE-HL102M63V16x35.5F
1000
0.09
0.040
0.15
1900
10,000
NRE-HL102M63V18x31.5F
1000
0.09
0.042
0.15
1720
10,000
NRE-HL122M63V16x40F
1200
0.09
0.036
0.13
2130
10,000
NRE-HL122M63V18x35.5F
1200
0.09
0.036
0.13
1890
10,000
NRE-HL152M63V18x40F
1500
0.09
0.032
0.12
2470
10,000
NRE-HL6R8M100V5x11F
6.8
100V
0.08
1.8
7.3
62
5,000
NRE-HL150M100V6.3x11F
15
0.08
1.0
4.1
126
5,000
NRE-HL270M100V8x11.5F
27
0.08
0.50
2.2
260
7,000
NRE-HL390M100V8x16F
39
0.08
0.36
1.7
335
7,000
NRE-HL470M100V10x12.5F
47
0.08
0.34
1.4
325
7,000
NRE-HL560M100V8x20F
56
0.08
0.26
1.3
408
7,000
NRE-HL680M100V10x16F
68
0.08
0.25
1.2
400
7,000
NRE-HL820M100V10x20F
82
0.08
0.17
0.76
518
7,000
NRE-HL820M100V12.5x16F
82
0.08
0.18
0.86
527
10,000
NRE-HL101M100V10x23F
100
0.08
0.16
0.67
595
7,000
NRE-HL121M100V10x28F
120
0.08
0.12
0.57
740
7,000
NRE-HL121M100V12.5x20F
120
0.08
0.13
0.52
765
10,000
NRE-HL151M100V16x16F
150
0.08
0.11
0.52
895
10,000
NRE-HL181M100V12.5x25F
180
0.08
0.096
0.36
875
10,000
NRE-HL181M100V18x16F
180
0.08
0.096
0.40
1030
10,000
NRE-HL221M100V12.5x30F
220
0.08
0.080
0.34
1010
10,000
NRE-HL221M100V16x20F
220
0.08
0.077
0.32
1130
10,000
NRE-HL271M100V12.5x35F
270
0.08
0.070
0.30
1140
10,000
NRE-HL271M100V16x25F
270
0.08
0.062
0.23
1350
10,000
NRE-HL331M100V12.5x40F
330
0.08
0.060
0.25
1280
10,000
NRE-HL331M100V18x20F
330
0.08
0.072
0.27
1300
10,000
NRE-HL391M100V16x31.5F
390
0.08
0.049
0.18
1650
10,000
NRE-HL391M100V18x25F
390
0.08
0.052
0.19
1560
10,000
NRE-HL471M100V16x35.5F
470
0.08
0.040
0.15
1900
10,000
NRE-HL471M100V18x31.5F
470
0.08
0.042
0.15
1720
10,000
NRE-HL561M100V16x40F
560
0.08
0.036
0.13
2130
10,000
NRE-HL681M100V18x35.5F
680
0.08
0.036
0.13
1890
10,000
NRE-HL821M100V18x40F
820
0.08
0.032
0.12
2470
10,000


Similar Part No. - NRE-HL102M63V18x315F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-HL102M6.3V8x16F NIC-NRE-HL102M6.3V8x16F Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-HL102M63V18x315F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com