Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLMW221M450V30X40F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRLMW221M450V30X40F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLMW221M450V30X40F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRLMW221M450V30X40F Datasheet HTML 1Page - NIC-Components Corp. NRLMW221M450V30X40F Datasheet HTML 2Page - NIC-Components Corp. NRLMW221M450V30X40F Datasheet HTML 3Page - NIC-Components Corp. NRLMW221M450V30X40F Datasheet HTML 4Page - NIC-Components Corp. NRLMW221M450V30X40F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLMW680M400V25X25F
68
400
25x25
1.950
0.683
0.56
0.78
NRLMW820M400V25X25F
82
25x25
1.617
0.566
0.64
0.90
NRLMW101M400V25X30F
100
25x30
1.325
0.464
0.69
0.97
NRLMW151M400V25X40F
150
25x40
0.884
0.309
0.82
1.15
NRLMW151M400V30X30F
30x30
NRLMW221M400V25X50F
220
25x50
0.603
0.211
1.10
1.54
NRLMW221M400V30X40F
30x40
NRLMW221M400V35X30F
35x30
NRLMW331M400V30X50F
330
30x50
0.402
0.161
1.35
1.89
NRLMW331M400V35X40F
35x40
NRLMW471M400V35X50F
470
35x50
0.282
0.127
1.75
2.45
NRLMW560M450V22X25F
56
450
22x25
2.368
0.947
0.40
0.56
NRLMW680M450V25X25F
68
25x25
1.950
0.683
0.50
0.70
NRLMW820M450V22X35F
82
22x35
1.617
0.647
0.56
0.78
NRLMW101M450V25X30F
100
25x30
1.326
0.531
0.64
0.90
NRLMW101M450V30X25F
30x25
NRLMW151M450V25X40F
150
25x40
0.884
0.354
0.79
1.11
NRLMW151M450V30X30F
30x30
NRLMW221M450V30X40F
220
30x40
0.678
0.271
1.00
1.40
NRLMW221M450V35X30F
35x30
NRLMW331M450V30X50F
330
30x50
0.502
0.201
1.38
1.93
NRLMW331M450V35X40F
35x40
NRLMW471M450V35X50F
470
35x50
0.353
0.123
1.74
2.44
NRLMW 471 M 250V 30X35 F
RoHS compliant
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
Large Can Aluminum Electrolytic Capacitors
NRLMW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLMW221M450V30X40F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW222M100V20X25F NIC-NRLMW222M100V20X25F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW222M100V20X30F NIC-NRLMW222M100V20X30F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW222M100V20X35F NIC-NRLMW222M100V20X35F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW222M100V20X40F NIC-NRLMW222M100V20X40F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW222M100V22X30F NIC-NRLMW222M100V22X30F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLMW221M450V30X40F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com