Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWP4R7M160V63X11F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRWP4R7M160V63X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWP4R7M160V63X11F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRWP4R7M160V63X11F Datasheet HTML 1Page - NIC-Components Corp. NRWP4R7M160V63X11F Datasheet HTML 2Page - NIC-Components Corp. NRWP4R7M160V63X11F Datasheet HTML 3Page - NIC-Components Corp. NRWP4R7M160V63X11F Datasheet HTML 4Page - NIC-Components Corp. NRWP4R7M160V63X11F Datasheet HTML 5Page - NIC-Components Corp. NRWP4R7M160V63X11F Datasheet HTML 6Page - NIC-Components Corp. NRWP4R7M160V63X11F Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRWP102M35V10X20F
1,000
35
0.14
865
0.23
2,000
NRWP222M35V16X25F
2,200
0.16
1370
0.12
2,000
NRWP332M35V16X25F
3,300
0.18
1680
0.09
2,000
NRWP472M35V16X35.5F
4,700
0.20
1870
0.07
2,000
NRWP682M35V18X35.5F
6,800
0.24
1920
0.06
2,000
NRWP1R0M50V5X11F
1.0
50
0.12
13
199.04
1,000
NRWP2R2M50V5X11F
2.2
0.12
20
90.47
1,000
NRWP3R3M50V5X11F
3.3
0.12
25
60.32
1,000
NRWP4R7M50V5X11F
4.7
0.12
32
42.35
1,000
NRWP100M50V5X11F
10
0.12
47
19.90
1,000
NRWP220M50V5X11F
22
0.12
70
9.05
1,000
NRWP330M50V5X11F
33
0.12
94
6.03
1,000
NRWP470M50V6.3X11F
47
0.12
115
4.23
1,000
NRWP101M50V8X11.5F
100
0.12
200
1.99
1,000
NRWP221M50V10X12.5F
220
0.12
360
0.90
2,000
NRWP331M50V10X16F
330
0.12
470
0.60
2,000
NRWP471M50V10X20F
470
0.12
600
0.42
2,000
NRWP681M50V12.5X20F
680
0.12
980
0.29
2,000
NRWP102M50V12.5X25F
1,000
0.12
1060
0.20
2,000
NRWP222M50V16X31.5F
2,200
0.14
1600
0.11
2,000
NRWP332M50V18X35.5F
3,300
0.16
1780
0.08
2,000
NRWP100M63V5X11F
10
63
0.10
48
16.59
1,000
NRWP220M63V5X11F
22
0.10
80
7.54
1,000
NRWP330M63V6.3X11F
33
0.10
100
5.03
1,000
NRWP470M63V6.3X11F
47
0.10
140
3.53
1,000
NRWP101M63V8x11.5F
100
0.10
230
1.66
1,000
NRWP221M63V10x16F
220
0.10
390
0.75
2,000
NRWP331M63V10x20F
330
0.10
540
0.50
2,000
NRWP471M63V12.5x20F
470
0.10
700
0.35
2,000
NRWP681M63V12.5x25F
680
0.10
800
0.24
2,000
NRWP102M63V16x25F
1,000
0.10
1200
0.17
2,000
NRWP222M63V18x31.5F
2,200
0.12
1400
0.09
2,000
NRWP1R0M100V5X11F
1.0
100
0.08
15
132.70
1,000
NRWP2R2M100V5X11F
2.2
0.08
21
60.32
1,000
NRWP3R3M100V5X11F
3.3
0.08
30
40.21
1,000
NRWP4R7M100V5X11F
4.7
0.08
35
28.23
1,000
NRWP100M100V5X11F
10
0.08
60
13.27
1,000
NRWP220M100V6.3X11F
22
0.08
98
6.03
1,000
NRWP330M100V8x11.5F
33
0.08
140
4.02
1,000
NRWP470M100V8x11.5F
47
0.08
185
2.82
1,000
NRWP101M100V10x16F
100
0.08
290
1.33
2,000
NRWP221M100V12.5x20F
220
0.08
560
0.60
2,000
NRWP331M100V12.5x25F
330
0.08
690
0.40
2,000
NRWP471M100V16x25F
470
0.08
880
0.28
2,000
NRWP681M100V16x31.5F
680
0.08
900
0.20
2,000
NRWP102M100V18x35.5F
1,000
0.08
985
0.13
2,000
NRWP4R7M160V6.3X11F
4.7
160
0.20
43
70.58
1,000
NRWP100M160V8X11.5F
10
0.20
77
33.17
1,000
NRWP220M160V10X12.5F
22
0.20
92
15.08
2,000
NRWP330M160V10X16F
33
0.20
125
10.05
2,000
NRWP470M160V10X20F
47
0.20
150
7.06
2,000
NRWP101M160V12.5X25F
100
0.20
320
3.32
2,000
NRWP221M160V16X31.5F
220
0.20
410
1.51
2,000
NRWP331M160V18X31.5F
330
0.20
570
1.01
2,000
NRWP471M160V18X40F
470
0.20
855
0.71
2,000
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Miniature Aluminum Electrolytic Capacitors
NRWP Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
Represents New Value


Similar Part No. - NRWP4R7M160V63X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWP470M100V10X12.5F NIC-NRWP470M100V10X12.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP470M100V10X20F NIC-NRWP470M100V10X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP470M100V12.5X20F NIC-NRWP470M100V12.5X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP470M100V16X25F NIC-NRWP470M100V16X25F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP470M100V16X31.5F NIC-NRWP470M100V16X31.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWP4R7M160V63X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com