Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLM152M250V30X50F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLM152M250V30X50F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLM152M250V30X50F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLM152M250V30X50F Datasheet HTML 1Page - NIC-Components Corp. NRLM152M250V30X50F Datasheet HTML 2Page - NIC-Components Corp. NRLM152M250V30X50F Datasheet HTML 3Page - NIC-Components Corp. NRLM152M250V30X50F Datasheet HTML 4Page - NIC-Components Corp. NRLM152M250V30X50F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLM Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLM 222 M 50V 20X25 F
RoHS compliant
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLM682M16V20X25F
6,800
16
20x25
0.098
0.083
3.15
3.62
NRLM822M16V20X30F
8,200
20x30
0.081
0.069
3.47
3.99
NRLM103M16V20X35F
10,000
20x35
0.075
0.063
3.78
4.35
NRLM103M16V22X30F
22x30
NRLM103M16V25X25F
25x25
NRLM153M16V20X40F
15,000
20x40
0.053
0.045
5.26
6.05
NRLM153M16V22X35F
22x35
NRLM153M16V25X30F
25x30
NRLM223M16V22X45F
22,000
22x45
0.038
0.032
6.10
7.02
NRLM223M16V25X35F
25x35
NRLM223M16V30X30F
30x30
NRLM333M16V25X50F
33,000
25x50
0.025
0.021
6.84
7.87
NRLM333M16V30X40F
30x40
NRLM333M16V35X30F
35x30
NRLM473M16V30X50F
47,000
30x50
0.021
0.019
7.47
8.59
NRLM473M16V35X50F
35x50
NRLM683M16V35X50F
68,000
35x50
0.018
0.017
9.05
10.41
NRLM472M25V20X25F
4,700
25
20x25
0.113
0.090
3.05
3.51
NRLM682M25V22X30F
6,800
22x30
0.078
0.062
3.47
3.99
NRLM682M25V25X25F
25x25
NRLM822M25V22X30F
8,200
22x30
0.065
0.052
3.57
4.11
NRLM822M25V25X25F
25x25
NRLM103M25V22X35F
10,000
22x35
0.058
0.046
3.78
4.35
NRLM103M25V25X30F
25x30
NRLM103M25V30X25F
30x25
NRLM153M25V22X50F
15,000
22x50
0.039
0.031
4.63
5.32
NRLM153M25V25X40F
25x40
NRLM153M25V30X30F
30x30
NRLM223M25V25X50F
22,000
25x50
0.029
0.023
6.10
7.02
NRLM223M25V30X40F
30x40
NRLM333M25V30X50F
33,000
30x50
0.020
0.017
6.84
7.87
NRLM333M25V35X40F
35x40
NRLM473M25V35X50F
47,000
35x50
0.017
0.015
8.00
9.20
NRLM222M35V22X25F
2,200
35
22x25
0.181
0.136
1.40
1.61
NRLM332M35V20X25F
3,300
20x25
0.111
0.083
2.73
3.14
NRLM472M35V20X35F
4,700
20x35
0.078
0.058
3.26
3.75
NRLM472M35V22X30F
22x30
NRLM472M35V25X25F
25x25
NRLM682M35V22X35F
6,800
22x35
0.066
0.049
3.68
4.23
NRLM682M35V25X30F
25x30
NRLM822M35V25X35F
8,200
25x35
0.057
0.042
4.00
4.60
NRLM103M35V22X45F
10,000
22x45
0.050
0.037
4.42
5.08
NRLM103M35V25X40F
25x40
NRLM103M35V30X30F
30x30
NRLM103M35V35X25F
35x25
NRLM153M35V25X50F
15,000
25x50
0.036
0.027
5.57
6.41
NRLM153M35V30X40F
30x40
NRLM153M35V35X30F
35x30
NRLM223M35V30X50F
22,000
30x50
0.026
0.020
6.10
7.02
NRLM223M35V35X40F
35x40
NRLM333M35V35X50F
33,000
35x50
0.018
0.014
7.15
8.22


Similar Part No. - NRLM152M250V30X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLM153M100V20X25F NIC-NRLM153M100V20X25F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V20X30F NIC-NRLM153M100V20X30F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V20X35F NIC-NRLM153M100V20X35F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V20X40F NIC-NRLM153M100V20X40F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V22X30F NIC-NRLM153M100V22X30F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLM152M250V30X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com