Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLUW681M400V35X45SF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRLUW681M400V35X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLUW681M400V35X45SF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NRLUW681M400V35X45SF Datasheet HTML 1Page - NIC-Components Corp. NRLUW681M400V35X45SF Datasheet HTML 2Page - NIC-Components Corp. NRLUW681M400V35X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLUW681M400V35X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLUW681M400V35X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLUW681M400V35X45SF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLUW Series
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
Max. Ripple Current
(Arms @ 105°C)
120Hz
10KHz ~ up
NRLUW331M450V30X40SF
450
330
30X40
0.2
1156
1.45
2.03
NRLUW331M450V35X30SF
330
35X30
0.2
1156
1.43
2.00
NRLUW391M450V30X45SF
390
30X45
0.2
1256
1.75
2.45
NRLUW391M450V35X35SF
390
35X35
0.2
1256
1.66
2.32
NRLUW471M450V30X50SF
470
30X50
0.2
1379
1.85
2.59
NRLUW471M450V35X40SF
470
35X40
0.2
1379
1.85
2.59
NRLUW561M450V35X45SF
560
35X45
0.2
1505
2.04
2.85


Similar Part No. - NRLUW681M400V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLUW681M200V22X40SF NIC-NRLUW681M200V22X40SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
NRLUW681M200V22X40SF NIC-NRLUW681M200V22X40SF Datasheet
322Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
NRLUW681M200V25X35SF NIC-NRLUW681M200V25X35SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
NRLUW681M200V25X35SF NIC-NRLUW681M200V25X35SF Datasheet
322Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
NRLUW681M200V30X25SF NIC-NRLUW681M200V30X25SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLUW681M400V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com