Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSH271M100V125x30F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRSH271M100V125x30F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH271M100V125x30F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRSH271M100V125x30F Datasheet HTML 1Page - NIC-Components Corp. NRSH271M100V125x30F Datasheet HTML 2Page - NIC-Components Corp. NRSH271M100V125x30F Datasheet HTML 3Page - NIC-Components Corp. NRSH271M100V125x30F Datasheet HTML 4Page - NIC-Components Corp. NRSH271M100V125x30F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRSH Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. ESR (
Ω)
+20°C/100KHz
Load Life Hours
@+105°C
NRSH221M6.3V5x11F
220
6.3
0.22
345
0.220
6,000
NRSH471M6.3V6.3x11F
470
0.22
540
0.094
6,000
NRSH821M6.3V8x11.5F
820
0.22
945
0.056
8,000
NRSH122M6.3V8x16F
1,200
0.22
1250
0.045
8,000
NRSH122M6.3V10x12.5F
0.22
1330
0.039
10,000
NRSH152M6.3V8x20F
1,500
0.22
1500
0.029
8,000
NRSH182M6.3V10x16F
1,800
0.22
1760
0.028
10,000
NRSH222M6.3V10x20F
2,200
0.24
1960
0.020
10,000
NRSH272M6.3V10x23F
2,700
0.24
2250
0.018
10,000
NRSH392M6.3V12.5x20F
3,900
0.26
2480
0.017
10,000
NRSH472M6.3V12.5x25F
4,700
0.28
2900
0.015
10,000
NRSH562M6.3V12.5x30F
5,600
0.30
3450
0.013
10,000
NRSH682M6.3V16x20F
6,800
0.32
3250
0.015
10,000
NRSH682M6.3V12.5x35F
0.32
3570
0.012
10,000
NRSH822M6.3V16x25F
8,200
0.36
3630
0.013
10,000
NRSH151M10V5x11F
150
10
0.19
345
0.220
6,000
NRSH331M10V6.3x11F
330
0.19
540
0.094
6,000
NRSH681M10V8x11.5F
680
0.19
945
0.056
8,000
NRSH102M10V8x16F
1,000
0.19
1250
0.045
8,000
NRSH102M10V10x12.5F
0.19
1330
0.039
10,000
NRSH152M10V8x20F
1,500
0.19
1500
0.029
8,000
NRSH152M10V10x16F
0.19
1760
0.028
10,000
NRSH182M10V10x20F
1,800
0.19
1960
0.020
10,000
NRSH222M10V10x23F
2,200
0.21
2250
0.018
10,000
NRSH332M10V12.5x20F
3,300
0.23
2480
0.017
10,000
NRSH392M10V12.5x25F
3,900
0.23
2900
0.015
10,000
NRSH472M10V12.5x30F
4,700
0.25
3450
0.013
10,000
NRSH472M10V16x20F
0.25
3250
0.015
10,000
NRSH562M10V12.5x35F
5,600
0.27
3570
0.012
10,000
NRSH682M10V16x25F
6,800
0.29
3630
0.013
10,000
NRSH101M16V5x11F
100
16
0.16
345
0.220
6,000
NRSH221M16V6.3x11F
220
0.16
540
0.094
6,000
NRSH471M16V8x11.5F
470
0.16
945
0.056
8,000
NRSH681M16V8x16F
680
0.16
1250
0.045
8,000
NRSH681M16V10x12.5F
0.16
1330
0.039
10,000
NRSH102M16V8x20F
1,000
0.16
1500
0.029
8,000
NRSH102M16V10x16F
0.16
1760
0.028
10,000
NRSH152M16V10x20F
1,500
0.16
1960
0.020
10,000
NRSH182M16V10x23F
1,800
0.16
2250
0.018
10,000
NRSH222M16V12.5x20F
2,200
0.18
2480
0.017
10,000
NRSH272M16V12.5x25F
2,700
0.18
2900
0.015
10,000
NRSH332M16V12.5x30F
3,300
0.20
3450
0.013
10,000
NRSH332M16V16x20F
0.20
3250
0.015
10,000
NRSH392M16V12.5x35F
3,900
0.20
3570
0.012
10,000
NRSH472M16V16x25F
4,700
0.22
3630
0.013
10,000
NRSH101M25V5x11F
68
25
0.14
345
0.220
6,000
NRSH151M25V6.3x11F
150
0.14
540
0.094
6,000
NRSH331M25V8x11.5F
330
0.14
945
0.056
8,000
NRSH391M25V8x16F
390
0.14
1250
0.045
8,000
NRSH471M25V10x12.5F
470
0.14
1330
0.039
10,000
NRSH561M25V8x20F
560
0.14
1500
0.029
8,000
NRSH681M25V10x16F
680
0.14
1760
0.028
10,000
NRSH821M25V10x20F
820
0.14
1960
0.020
10,000
NRSH102M25V10x23F
1,000
0.14
2250
0.018
10,000
NRSH152M25V12.5x20F
1,500
0.14
2480
0.017
10,000
NRSH182M25V12.5x25F
1,800
0.14
2900
0.015
10,000
NRSH222M25V12.5x30F
2,200
0.16
3450
0.013
10,000
NRSH222M25V16x20F
0.16
3250
0.015
10,000
NRSH272M25V12.5x35F
2,700
0.16
3570
0.012
10,000
NRSH332M25V16x25F
3,300
0.18
3630
0.013
10,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRSH271M100V125x30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSH271M10V10X12.5F NIC-NRSH271M10V10X12.5F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRSH271M10V10X16F NIC-NRSH271M10V10X16F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRSH271M10V10X20F NIC-NRSH271M10V10X20F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRSH271M10V10X23F NIC-NRSH271M10V10X23F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRSH271M10V12.5X20F NIC-NRSH271M10V12.5X20F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSH271M100V125x30F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com