Electronic Components Datasheet Search |
|
NRWP221M250V18X355F Datasheet(PDF) 5 Page - NIC-Components Corp. |
|
NRWP221M250V18X355F Datasheet(HTML) 5 Page - NIC-Components Corp. |
5 / 7 page 5 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Taping Dimensions (mm) Taping Dimensions (mm) NOTE: ANODE (+) LEAD FEEDS OFF FIRST. FOR OPTION OF NEGATIVE (_) LEAD FIRST, SPECIFY “TBN”. STANDARD RADIAL TAPING (5mm LEAD SPACING, FORMED LEADS) TB Case Dia. (D φ) 10 12.5 Case Size All All Dim. d φ ±0.05 0.6 0.6 H ±0.75 19.0 19.0 F +0.8 ~ -0.2 5.0 5.0 P ±1.0 25.4* P 0 12.7 ±0.2 P 1 3.85 P 2 6.35 ±1.0 W 18.0 ±0.5 W 0 11.5 min W 1 9.0 ±0.5 W 2 0 ~ 2.5 H 0 16.0 ±0.5 I 1.0 max. D 0 φ 4.0 ±0.2 Δh 0 ±1.0 (at top of can) t 0.7 ±0.2 (not including lead) *Optional Taping Specifications 10mm diameter available with P dim. = 12.7mm (P/N Suffix: TB12.7MMP) 12.5mm diameter available with P dim. = 15mm, P1= 5.0mm, P0 = 15.0mm & P2 = 7.5mm (P/N Suffix: TB15MMP) Case Dia. (D φ) 5 6.3 8 Case Size 5x11 6.3x11 8x11.5 Dim. d φ ±0.05 0.5 0.5 0.6 H ±0.75 18.5 18.5 20.0 F +0.8 ~ -0.2 5.0 -02 ~ +0.8 P 12.7 ±1.0 P 0 12.7 ±0.2 P 1 3.85 ±0.5 (at end of tape) P 2 6.35 ±1.0 W 18.0 ±0.5 W 0 11.5 min. W 1 9.0 ±0.5 W 2 0 ~ 2.5 H 0 16.0 ±0.5 I 1.0 max. D 0 φ 4.0 ±0.2 Δh 0 ±1.0 (at top of can) t 0.7 ±0.2 (not including lead) STANDARD RADIAL TAPING (5mm LEAD SPACING, STRAIGHT LEADS) TB P 2 P ∅D P 1 w 2 w 0 w 1.0 P 0 F S ∅D 0 ∅d W H H0 1max t Δh 1max t Δ P 2 P ∅ P 1 w 2 w 0 w 1.0 P 0 F S ∅D 0 ∅d W 1 H Miniature Aluminum Electrolytic Capacitors NRWP Series |
Similar Part No. - NRWP221M250V18X355F |
|
Similar Description - NRWP221M250V18X355F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |