Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN09008 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN09008
Description  90MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09008 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN09008 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09008 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09008 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09008
Rev. Date
2005-5-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
90MHz SAW Filter
24MHz Bandwidth
Part Number: LBN09008
Package Dimension
35.00±0.5
0.45±0.05
25.40±0.2
2.54±0.2
2.54±0.2


Similar Part No. - LBN09008

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09008 SIPAT-LBN09008 Datasheet
136Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBN09008

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09006 SIPAT-LBN09006 Datasheet
150Kb / 3P
   90MHz SAW Filter
LBN09013 SIPAT-LBN09013 Datasheet
144Kb / 3P
   90MHz SAW Filter
LBN09018 SIPAT-LBN09018 Datasheet
150Kb / 3P
   90MHz SAW Filter
LBN09026 SIPAT-LBN09026 Datasheet
194Kb / 3P
   90MHz SAW Filter
LBN09029 SIPAT-LBN09029 Datasheet
186Kb / 3P
   90MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0886A TAI-SAW-TB0886A Datasheet
386Kb / 7P
   SAW Filter 90MHz
logo
SIPAT Co,Ltd
LBN09003 SIPAT-LBN09003 Datasheet
143Kb / 3P
   90MHz SAW Filter
LBN09007 SIPAT-LBN09007 Datasheet
142Kb / 3P
   90MHz SAW Filter
LBN09012 SIPAT-LBN09012 Datasheet
146Kb / 3P
   90MHz SAW Filter
LBN09015 SIPAT-LBN09015 Datasheet
146Kb / 3P
   90MHz SAW Filter
LBN09016 SIPAT-LBN09016 Datasheet
144Kb / 3P
   90MHz SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com