Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W48S111-14 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W48S111-14
Description  Spread Spectrum Desktop/Notebook System Frequency Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W48S111-14 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W48S111-14 Datasheet HTML 1Page - Cypress Semiconductor W48S111-14 Datasheet HTML 2Page - Cypress Semiconductor W48S111-14 Datasheet HTML 3Page - Cypress Semiconductor W48S111-14 Datasheet HTML 4Page - Cypress Semiconductor W48S111-14 Datasheet HTML 5Page - Cypress Semiconductor W48S111-14 Datasheet HTML 6Page - Cypress Semiconductor W48S111-14 Datasheet HTML 7Page - Cypress Semiconductor W48S111-14 Datasheet HTML 8Page - Cypress Semiconductor W48S111-14 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
W48S111-14
PRELIMINARYPRELIMI-
3
Functional Description
I/O Pin Operation
Pin 27 is a dual-purpose l/O pin. Upon power-up this pin acts
as a logic input, allowing the determination of assigned device
functions. A short time after power-up, the logic state of the pin
is latched and the pin becomes a clock output. This feature
reduces device pin count by combining clock outputs with input
select pins.
An external 10-k
Ω “strapping” resistor is connected between
the l/O pin and ground or VDD. Connection to ground sets a
latch to “0,” connection to VDD sets a latch to “1.” Figure 1 and
Figure 2 show two suggested methods for strapping resistor
connections.
Upon W48S111-14 power-up, the first 2 ms of operation is
used for input logic selection. During this period, the Refer-
ence clock output buffer is three-stated, allowing the output
strapping resistor on the l/O pin to pull the pin and its associ-
ated capacitive clock load to either a logic HIGH or LOW state.
At the end of the 2-ms period, the established logic “0” or “1”
condition of the l/O pin is then latched. Next the output buffer
is enabled, which converts the l/O pin into an operating clock
output. The 2-ms timer is started when VDD reaches 2.0V. The
input bit can only be reset by turning VDD off and then back on
again.
It should be noted that the strapping resistor has no significant
effect on clock output signal integrity. The drive impedance of
clock output is 40
Ω (nominal) which is minimally affected by
the 10-k
Ω strap to ground or V
DD. As with the series termina-
tion resistor, the output strapping resistor should be placed as
close to the l/O pin as possible in order to keep the intercon-
necting trace short. The trace from the resistor to ground or
VDD should be kept less than two inches in length to prevent
system noise coupling during input logic sampling.
When the clock output is enabled following the 2-ms input pe-
riod, a 14.318-MHz output frequency is delivered on the pin,
assuming that VDD has stabilized. If VDD has not yet reached
full value, output frequency initially may be below target but will
increase to target once VDD voltage has stabilized. In either
case, a short output clock cycle may be produced from the
CPU clock outputs when the outputs are enabled.
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W48S111-14
VDD
Clock Load
10 k
Output
Buffer
(Load Option 1)
10 k
(Load Option 0)
Output
Low
Output Strapping Resistor
Series Termination Resistor
Figure 1. Input Logic Selection Through Resistor Load Option
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W48S111-14
VDD
Clock Load
R
10 k
Output
Buffer
Output
Low
Output Strapping Resistor
Series Termination Resistor
Jumper Options
Resistor Value R
Figure 2. Input Logic Selection Through Jumper Option


Similar Part No. - W48S111-14

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101 CYPRESS-W48S101 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
More results

Similar Description - W48S111-14

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
   Spread Spectrum Desktop/Notebook System Frequency Generator
logo
SpectraLinear Inc
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W164 CYPRESS-W164 Datasheet
137Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
W130 CYPRESS-W130 Datasheet
116Kb / 8P
   Spread Spectrum Desktop/Notebook System Clock
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
logo
Cypress Semiconductor
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
   Spread Spectrum BX System Frequency Generator
W48S87-72 CYPRESS-W48S87-72 Datasheet
248Kb / 19P
   Desktop/Notebook Frequency Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com